Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS331DL Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS331DL
Description  MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DL Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS331DL_08 Datasheet HTML 34Page - STMicroelectronics LIS331DL_08 Datasheet HTML 35Page - STMicroelectronics LIS331DL_08 Datasheet HTML 36Page - STMicroelectronics LIS331DL_08 Datasheet HTML 37Page - STMicroelectronics LIS331DL_08 Datasheet HTML 38Page - STMicroelectronics LIS331DL_08 Datasheet HTML 39Page - STMicroelectronics LIS331DL_08 Datasheet HTML 40Page - STMicroelectronics LIS331DL_08 Datasheet HTML 41Page - STMicroelectronics LIS331DL_08 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
LIS331DL
Revision history
41/42
10
Revision history
Table 58.
Document revision history
Date
Revision
Changes
28-Sep-2007
1
Initial release
21-Jan-2008
2
Updated package specification Figure 25: LGA 16: Mechanical data
and package dimensions on page 40.
Minor text changes to improve readability.
16-Apr-2008
3
Updated paragraph 2.1: Mechanical characteristics and added
section 8: Typical performance characteristics.
Updated POA


Similar Part No. - LIS331DL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLFTR STMICROELECTRONICS-LIS331DLFTR Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLHTR STMICROELECTRONICS-LIS331DLHTR Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
More results

Similar Description - LIS331DL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
STEVAL-MKI022V1 STMICROELECTRONICS-STEVAL-MKI022V1 Datasheet
118Kb / 5P
MEMS 3-axis 짹2g /짹4g /짹8g smart digital output demonstration board based on nano accelerometer LIS331DLH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com