Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1265 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1265_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
10
1265.2007.12.1.4
www .analogictech.com
frequency (Light Load) mode to reduce the dominant
switching losses. In addition to Light Load operation, a
zero current comparator blocks reverse current in the
P-channel synchronous MOSFET, forcing DCM operation at
light load. These controls, along with very low quiescent
current, help to maintain high efficiency over the com-
plete load range without the compromise of increased
output voltage ripple during light load conditions.
Start-up and Inrush Current Limit
The start-up sequence of the AAT1265 varies depending
upon whether the input voltage is greater than or less
than 2V. Above 1V, a start-up oscillator operating at
25% duty cycle controls the synchronous power stage
and charges the output to 2V. For an input voltage
greater than 2V, the output is charged at a constant cur-
rent of 300mA until the output reaches a voltage level
just below the input voltage. The step-up converter then
takes control and continues to charge the output to the
steady-state voltage. The step-up converter N-channel
switch current is limited to 1A and the typical start-up
time is 2.5ms.
Shutdown and Output Disconnect
A typical synchronous step-up (boost) converter has a
conduction path from the input to the output via the
body diode of the P-channel MOSFET. The AAT1265
design disconnects this body diode from the output and
eliminates this conduction path. This enables the
AAT1265 to provide true load disconnect during shut-
down and inrush current limit at turn-on.
Short-Circuit Protection
The P-channel synchronous MOSFET body diode discon-
nect feature also gives the AAT1265 the ability to pro-
vide output short-circuit current limit protection.
Applications Information
Inductor Selection
The AAT1265 is designed to operate with a 2.2μH induc-
tor for all input/output voltage combinations. The induc-
tor saturation current rating should be greater than the
NMOS current limit specification listed in the Electrical
Characteristics table. If necessary, the peak inductor cur-
rent can exceed the saturation level by a small amount
with no significant effect on performance. Table 1 pro-
vides a list of some suggested inductor manufacturers
and their part numbers.
Output and Input Capacitor Selection
Surface mount X5R or X7R ceramic capacitors are sug-
gested for both the output and the input. For the output
capacitor (C1 in Figure 4) a 4.7μF, 10V, X5R ceramic
capacitor is necessary for stability, transient response,
and ripple performance. The same 0805 sized capacitor
is used for the input (C2 of Figure 4). If desired, a
smaller, 0603 sized, 4.7μF, 6.3V, X5R ceramic capacitor
can be substituted for the input capacitor (C2). Suggested
ceramic capacitor suppliers are listed in Table 1.
PCB Layout Guidelines
Figures 1, 2, and 3 display the evaluation board layout
and suggested component placement. Due to the high
switching speed of the AAT1265, it is important that the
evaluation board layout be followed. Even the best
switch-mode power supply design cannot overcome the
problems that can be caused by a poor layout.
For the AAT1265, it is necessary that C1 and C2 be
placed as close as possible to the IC with a good low
impedance path to the GND pins of the IC. It is also
good practice to minimize the length of the trace from
the OUT pin to the output inductor. This prevents switch-
ing noise from radiating into other high noise sensitive,
high impedance circuits.


Similar Part No. - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results

Similar Description - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Advanced Analogic Techn...
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com