Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1265 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1265_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
1265.2007.12.1.4
9
www .analogictech.com
Functional Description
The AAT1265 synchronous step-up converter is targeted
for single- or dual-cell alkaline, NiMH, and NiCd and
single-cell lithium-ion/polymer battery applications. It
has a 1V typical start-up voltage with operation after
start-up to less than 0.8V.
The high 2MHz switching frequency of the AAT1265
facilitates output filter component size reduction for
improved power density and reduced overall footprint. It
also provides greater bandwidth and improved transient
response over other lower frequency step-up converters.
The compensation and feedback is integrated with only
three external components (CIN, COUT, L).
Low RDS(ON) synchronous power switches provide high
efficiency for heavy load conditions. Switching frequency
modulation and low quiescent current maintains this
high efficiency for light load and sleep mode conditions.
In addition to the improved efficiency, the synchronous
boost has the added performance advantage of true load
disconnect during shutdown (<1μA shutdown current),
inrush current limit, and short-circuit protection.
PWM / Light Load Control
The AAT1265 is a fixed frequency PWM peak current mode
control step-up converter. For light load conditions (10 to
20mA and below), the converter transitions to a variable
Functional Block Diagram
Voltage
Reference
Logic
DH
DL
V
REF
OUT
GND
EN
GND
LX
Comp.
VIN
VCC
Mode
Control
Low Voltage
Start-Up
Start-Up
Inrush Control
Current
Sense
Error
Amp.
2MHz
Oscillator


Similar Part No. - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results

Similar Description - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Advanced Analogic Techn...
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com