Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1265 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1265_07 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
4
1265.2007.12.1.4
www .analogictech.com
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
4
1265.2007.12.1.4
www .analogictech.com
Electrical Characteristics1
VIN = 1.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol Description
Conditions
Min
Typ
Max
Units
VIN
Minimum Start-Up Voltage
ILOAD = 1mA
1.0
V
Operating Input Voltage Range
0.8
VOUT
VOUT
Output Voltage Accuracy
VIN = 0.8V to 2.5V, PWM Mode
VOUT - 0.1
VOUT + 0.1
V
VIN = 2.5V to 4.2V, PWM Mode;
5.0V Version Only
VOUT - 0.15
VOUT + 0.15
V
IQ
Quiescent Supply Current (Light Load
Operation)2
No Load
40
70
μA
ISHDN
Shutdown Current
EN = 0V, VIN = 5.5V
1.0
μA
RDS(ON)H
PMOS On-Resistance
TA = 25°C
750
RDS(ON)L
NMOS On-Resistance
TA = 25°C
400
ILIMIT
NMOS Current Limit
1.0
A
IPFM
PFM Light Load Current Threshold
20
mA
η
Efficiency
IOUT = 50mA, L = 2.2μH82
%
ΔVOUT/
VOUT
Load Regulation
ILOAD = 0 to 100mA
1.5
%
ΔVOUT/
VOUT/ΔVIN
Line Regulation
VIN = 0.8V to 2.5V
0.2
%/V
VIN = 2.5V to 4.2V; 5.0V Version
Only
0.16
FOSC
Switching Frequency
TA = 25°C
1.8
2.0
2.2
MHz
DTYMAX
Maximum Duty Cycle
90
%
VTH(L-IN)
Logic Input Low Threshold for EN
0.4
V
VTH(H-IN)
Logic Input High Threshold for EN
1.0
V
1. The AAT1265 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. IQ = IQ_VOUT + IQ_VCC.


Similar Part No. - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results

Similar Description - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com