Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1265 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1265_07 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265_07 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
1265.2007.12.1.4
3
www .analogictech.com
AAT1265
Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
SwitchRegTM
PRODUCT DATASHEET
1265.2007.12.1.4
3
www .analogictech.com
Absolute Maximum Ratings
Symbol
Description
Value
Units
VN
VIN, OUT, VCC, EN, LX to GND
-0.3 to 6.0
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Thermal Characteristics1
Symbol
Description
Value
Units
θJA
Maximum Thermal Resistance
160
°C/W
PD
Maximum Power Dissipation
625
mW
1. Mounted on an FR4 board.


Similar Part No. - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results

Similar Description - AAT1265_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
AATIAN44 SIGE-AATIAN44 Datasheet
194Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com