Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE811 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE811_08 Datasheet HTML 23Page - STMicroelectronics STMPE811_08 Datasheet HTML 24Page - STMicroelectronics STMPE811_08 Datasheet HTML 25Page - STMicroelectronics STMPE811_08 Datasheet HTML 26Page - STMicroelectronics STMPE811_08 Datasheet HTML 27Page - STMicroelectronics STMPE811_08 Datasheet HTML 28Page - STMicroelectronics STMPE811_08 Datasheet HTML 29Page - STMicroelectronics STMPE811_08 Datasheet HTML 30Page - STMicroelectronics STMPE811_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
STMPE811
Analog-to-digital converter
27/54
ADC_CTRL2
ADC control 2
Address:
0x21
Type:
R/W
Reset:
0x01
Description:
ADC control.
ADC_CAPT
ADC channel data capture
Address:
0x22
Type:
R/W
Reset:
0xFF
Description:
To initiate ADC data acquisition
7654
3
2
1
0
RESERVED
ADC_FREQ_1
ADC_FREQ_0
[7] RESERVED
[6] RESERVED
[5] RESERVED
[4] RESERVED
[3] RESERVED
[2] RESERVED
[1:0] ADC_FREQ: Selects the clock speed of ADC
00: 1.625 MHz typ.
01: 3.25 MHz typ.
10: 6.5 MHz typ.
11: 6.5 MHz typ.
7654
3
2
1
0
CH[7:0]
[7:0] CH[7:0]: ADC channel data capture
Write '1' to initiate data acquisition for the corresponding channel. Writing '0' has no effect.
Reads '1' if conversion is completed. Reads '0' if conversion is in progress.


Similar Part No. - STMPE811_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
More results

Similar Description - STMPE811_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Maxim Integrated Produc...
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com