Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3NE06L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN3NE06L
Description  N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NE06L Datasheet(HTML) 5 Page - STMicroelectronics

  STN3NE06L Datasheet HTML 1Page - STMicroelectronics STN3NE06L Datasheet HTML 2Page - STMicroelectronics STN3NE06L Datasheet HTML 3Page - STMicroelectronics STN3NE06L Datasheet HTML 4Page - STMicroelectronics STN3NE06L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
.
STN3NE06L
5/5


Similar Part No. - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
More results

Similar Description - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com