Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3NE06L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN3NE06L
Description  N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NE06L Datasheet(HTML) 2 Page - STMicroelectronics

  STN3NE06L Datasheet HTML 1Page - STMicroelectronics STN3NE06L Datasheet HTML 2Page - STMicroelectronics STN3NE06L Datasheet HTML 3Page - STMicroelectronics STN3NE06L Datasheet HTML 4Page - STMicroelectronics STN3NE06L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-pcb
Rthj-amb
Tl
Thermal Resistance Junction-PC Board
Max
Thermal Resistance Junction-ambient
Max
(Surface Mounted)
Maximum Lead Temperature For Soldering Purpose
50
60
260
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
3A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25
oC, ID = IAR, VDD = 25 V)
20
mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µA
VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating
Tc = 125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold
Voltage
VDS = VGS
ID = 250
µA
1
1.7
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 6A
VGS = 5 V
ID = 6A
0.080
0.1
0.100
0.12
ID(on)
On State Drain Current VDS > ID(on) x RDS(on)max
VGS = 10 V
3A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS > ID(on) x RDS(on)max
ID = 1.5 A
1
3
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V
f = 1 MHz
VGS = 0 V
700
100
30
960
140
45
pF
pF
pF
STN3NE06L
2/5


Similar Part No. - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
More results

Similar Description - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
   P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
   N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
   N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com