Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3NE06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN3NE06L
Description  N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NE06L Datasheet(HTML) 1 Page - STMicroelectronics

  STN3NE06L Datasheet HTML 1Page - STMicroelectronics STN3NE06L Datasheet HTML 2Page - STMicroelectronics STN3NE06L Datasheet HTML 3Page - STMicroelectronics STN3NE06L Datasheet HTML 4Page - STMicroelectronics STN3NE06L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STN3NE06L
N - CHANNEL 60V - 0.10
Ω - 3A - SOT-223
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.10
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
"Single
Feature
Size
™ " stip-based process. The resulting transis-
tor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES,etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STN3NE06L
60 V
< 0.120
3 A
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC3
A
ID
Drain Current (continuous) at Tc = 100
oC1.8
A
IDM(
•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at Tc = 25
oC2.5
W
Derating Factor
0.02
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 12 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
New RDS (on) spec. starting from JULY 98
1
2
2
3
SOT-223
1/5


Similar Part No. - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
More results

Similar Description - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
   P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
   N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
   N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com