Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMP-5075R+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BMP-5075R+
Description  Matching Pad
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BMP-5075R+ Datasheet(HTML) 1 Page - Mini-Circuits

  BMP-5075R+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL N
EW
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Input Power
0.25W
Outline Drawing
BMP-5075R+
ATTENUATION
5.5
5.7
5.9
6.1
0
400
800
1200
1600
2000
FREQUENCY (MHz)
at RF level of -10 dBm
Outline Dimensions (
)
inch
mm
BMP-5075R+
50/75
DC to 2000 MHz
Matching Pad
REV. B
M108294
BMP-5075R+
DJ/CP/AM
070306
Coaxial
BD
wt
.54
2.59 grams
13.72
65.79
40.0
CASE STYLE: FF55
Connectors Model
Price
Qty.
75
ΩF-BNC BMP-5075R+
$24.95 ea. (1-9)
50
ΩM-BNC
BMP-5075R+
VSWR
1.0
1.1
1.2
1.3
1.4
0
400
800
1200
1600
2000
FREQUENCY (MHz)
50 ohms
75 ohms
at RF level of -10 dBm
Features
• excellent VSWR 1.15: typ.
• excellent flatness
• wideband coverage, DC to 2000 MHz
Applications
• impedance matching
FREQ.
(MHz)
ATTENUATION
(dB)
Flatness Max.
VSWR
(:1)
Max.
POWER
(W)
f
L--fU
Nom.
DC-100
MHz
100-1000
MHz
1000-2000
MHz
DC-100
MHz
100-1000
MHz
1000-2000
MHz
DC-2000
5.7
±0.1
0.2
0.3
0.4
1.06
1.22
1.4
0.25
Frequency
(MHz)
Attenuation
(dB)
VSWR (:1)
50
75
10.00
5.71
1.01
1.00
20.00
5.71
1.01
1.00
60.00
5.71
1.01
1.00
100.00
5.72
1.01
1.00
110.00
5.71
1.01
1.01
555.00
5.71
1.13
1.04
1000.00
5.74
1.07
1.12
1010.00
5.74
1.07
1.12
1505.00
5.74
1.03
1.09
2000.00
5.61
1.04
1.25
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - BMP-5075R+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BMP-5075R++ MINI-BMP-5075R+ Datasheet
181Kb / 1P
   Matching Pad
REV. D
More results

Similar Description - BMP-5075R+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BMP-5075++ MINI-BMP-5075+ Datasheet
134Kb / 1P
   Matching Pad
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
   Matching Pad
ALMP-5075++ MINI-ALMP-5075+ Datasheet
214Kb / 1P
   Matching Pad
UNMP-R5075-33 MINI-UNMP-R5075-33 Datasheet
293Kb / 2P
   Matching Pad
BMP-5075 MINI-BMP-5075 Datasheet
181Kb / 1P
   Matching Pad
REV. E
BMP-5075R MINI-BMP-5075R Datasheet
181Kb / 1P
   Matching Pad
REV. D
UNMP-5075-33 MINI-UNMP-5075-33 Datasheet
181Kb / 1P
   Matching Pad
Z7550R-FMSF MINI-Z7550R-FMSF Datasheet
279Kb / 2P
   Matching Pad
SFQFM-5075 MINI-SFQFM-5075 Datasheet
349Kb / 2P
   Matching Pad
logo
JFW Industries, Inc.
57Z JFW-57Z_17 Datasheet
27Kb / 1P
   IMPEDANCE MATCHING PAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com