Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33079 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MC33079
Description  Low noise quad operational amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079 Datasheet(HTML) 4 Page - STMicroelectronics

  MC33079_08 Datasheet HTML 1Page - STMicroelectronics MC33079_08 Datasheet HTML 2Page - STMicroelectronics MC33079_08 Datasheet HTML 3Page - STMicroelectronics MC33079_08 Datasheet HTML 4Page - STMicroelectronics MC33079_08 Datasheet HTML 5Page - STMicroelectronics MC33079_08 Datasheet HTML 6Page - STMicroelectronics MC33079_08 Datasheet HTML 7Page - STMicroelectronics MC33079_08 Datasheet HTML 8Page - STMicroelectronics MC33079_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
MC33079
4/12
3
Electrical characteristics
Table 3.
VCC
+ = +15V, V
CC
- = -15V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤ Tmax
2.5
3.5
mV
DVio
Input offset voltage drift
Vo = 0V, Vic = 0V, Tmin ≤ Tamb ≤ Tmax
2µV/°C
Iio
Input offset current (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤ Tmax
10
150
175
nA
Iib
Input bias current (Vo = 0V, Vic = 0V)
Tmin ≤ Tamb ≤ Tmax
250
750
800
nA
Avd
Large signal voltage gain (RL = 2kΩ, Vo = ±10V)
Tmin ≤ Tamb ≤ Tmax
90
85
100
dB
±Vopp
Output voltage swing (Vid = ±1V)
RL = 600Ω
RL = 600Ω
RL = 2.0kΩ
RL = 2.0kΩ
RL = 10kΩ
RL = 10kΩ
13.2
13.5
12.2
-12.7
14
-14.2
14.3
-14.6
-13.2
-14
V
CMR
Common-mode rejection ratio (Vic = ±13V)
80
100
dB
SVR
Supply voltage rejection ratio (VCC
+ / V
CC
-= +15V / -15V to +5V / -5V)
80
105
dB
Io
Output short-circuit current (Vid = ±1V, output to ground)
Source
Sink
15
20
29
37
mA
ICC
Supply current (Vo = 0V, all amplifiers)
Tmin ≤ Tamb ≤ Tmax
810
12
mA
SR
Slew rate (Vi = -10V to +10V, RL = 2kΩ, CL = 100pF, AV = +1)
5
7
V/µs
GBP
Gain bandwidth product (RL = 2kΩ, CL = 100pF, f = 100kHz)
10
15
MHz
B
Unity gain bandwidth (open loop)
9
MHz
Am
Gain margin (RL = 2kΩ)
CL = 0pF
CL = 100pF
-11
-6
dB
φm
Phase margin (RL = 2kΩ)
CL = 0pF
CL = 100pF
55
30
Degrees
en
Equivalent input noise voltage (RS = 100Ω, f = 1kHz)
4.5
in
Equivalent input noise current (f = 1kHz)
0.5
nV
Hz
------------
pA
Hz
------------


Similar Part No. - MC33079_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - MC33079_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com