Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33079 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MC33079
Description  Low noise quad operational amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MC33079_08 Datasheet HTML 4Page - STMicroelectronics MC33079_08 Datasheet HTML 5Page - STMicroelectronics MC33079_08 Datasheet HTML 6Page - STMicroelectronics MC33079_08 Datasheet HTML 7Page - STMicroelectronics MC33079_08 Datasheet HTML 8Page - STMicroelectronics MC33079_08 Datasheet HTML 9Page - STMicroelectronics MC33079_08 Datasheet HTML 10Page - STMicroelectronics MC33079_08 Datasheet HTML 11Page - STMicroelectronics MC33079_08 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC33079
Ordering information
11/12
5
Ordering information
6
Revision history
Table 6.
Order codes
Order code
Temperature range
Package
Packaging
Marking
MC33079N
-40°C to +105°C
DIP14
Tube
MC33079N
MC33079D
MC33079DT
SO-14
Tube or
Tape & reel
33079
MC33079YD(1)
MC33079YDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
-40°C to + 105°C
SO-14
(Automotive grade)
Tube or
Tape & reel
33079Y
Table 7.
Document revision history
Date
Revision
Changes
10-Oct-2001
1
Initial release.
23-Jun-2005
2
PPAP references inserted in the datasheet. See order codes table.
21-Nov-2007
3
Added Rthja, Rthjc and ESD values in Table 1: Absolute maximum
ratings (AMR).
Added footnote for automotive grade order codes in order codes
table.
Updated document format.
13-Mar-2008
4
Corrected value for ESD HBM parameter.
Removed section on Macromodel.


Similar Part No. - MC33079_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - MC33079_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
[Old version datasheet]   LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com