Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33079 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC33079
Description  Low noise quad operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079 Datasheet(HTML) 1 Page - STMicroelectronics

  MC33079_08 Datasheet HTML 1Page - STMicroelectronics MC33079_08 Datasheet HTML 2Page - STMicroelectronics MC33079_08 Datasheet HTML 3Page - STMicroelectronics MC33079_08 Datasheet HTML 4Page - STMicroelectronics MC33079_08 Datasheet HTML 5Page - STMicroelectronics MC33079_08 Datasheet HTML 6Page - STMicroelectronics MC33079_08 Datasheet HTML 7Page - STMicroelectronics MC33079_08 Datasheet HTML 8Page - STMicroelectronics MC33079_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2008
Rev 4
1/12
12
MC33079
Low noise quad operational amplifier
Features
Low voltage noise: 4.5 nV/
√Hz
High gain bandwidth product: 15 MHz
High slew rate: 7 V/µs
Low distortion: 0.002%
Large output voltage swing: +14.3 V/-14.6 V
Excellent frequency stability
ESD protection 2 kV
Macromodel included in this specification
Description
The MC33079 is a monolithic quad operational
amplifier particularly well suited for audio
applications.
It offers low voltage noise (4.5 nV/
√Hz) and high
frequency performance (15 MHz gain bandwidth
product, 7 V/µs slew rate).
In addition the MC33079 has a very low distortion
(0.002%) and excellent phase/gain margins.
The output stage allows a large output voltage
swing and symmetrical source and sink currents.
DIP14
(Plastic package)
SO-14
(Plastic micropackage)
Pin connections
(top view)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - MC33079_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - MC33079_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com