Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F18 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # F18
Description  25-100Amp,Diode, SCR/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

F18 Datasheet(HTML) 2 Page - Cynergy3 Co

  F18 Datasheet HTML 1Page - Cynergy3 Co F18 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
series F18
25-100Amp • Diode, SCR/Diode Modules
Part Number Indentification
Series
Current
Circuit Type
AC Line Voltage
F18
27 - 25 Amps
(see schematic
400 - 120 Vac
42 - 40 Amps
diagrams)
600 - 240 Vac
57 - 55 Amps
Example:SD
1000 - 380 Vac
92 - 90 Amps
1200 - 480 Vac
107 - 105 Amps
1400 - 530 Vac
1600 - 600 Vac
Example: : F1892SD1200
AC
G1
+
--
K1
G2
K2
1
G2
K2
23
1
G1
K1
23
AC
G2
+
--
K2
AC
G2
+
--
K2
AC
G1
+
--
K1
AC
+
--
K1
G1
AC
+
--
K1
G1
G2
K2
+
--
G2
K2
K1
G1
1
23
1
23
DH
HD
SD
AC
+
--
AC
G1
+
--
K1
K2
G2
AC
+
--
K1
G1
G2
K2
AC
+
--
SDK
RD
CCH
CAH
CCD
CAD
D
+
--
12
3
1
2
3
12
3
12
3
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com


Similar Part No. - F18

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
   Power Modules
logo
Alpha Wire
F18003KW ALPHAWIRE-F18003KW Datasheet
411Kb / 4P
   18 (41/34) AWG Bare Copper
F18003LW ALPHAWIRE-F18003LW Datasheet
411Kb / 4P
   18 (41/34) AWG Bare Copper
F18003RW ALPHAWIRE-F18003RW Datasheet
411Kb / 4P
   18 (41/34) AWG Bare Copper
F18004KW ALPHAWIRE-F18004KW Datasheet
411Kb / 4P
   18 (41/34) AWG Bare Copper
More results

Similar Description - F18

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
M50 CYNERGY3-M50_1 Datasheet
256Kb / 2P
   50-100Amp SCR/Diode Modules
B-2T CYNERGY3-B-2T Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
M50 CYNERGY3-M50 Datasheet
155Kb / 1P
   60-100Amp Diode Modules
EFD02CF CYNERGY3-EFD02CF Datasheet
232Kb / 2P
   50-170Amp Diode, SCR/Diode Modules
logo
Dynex Semiconductor
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
   Dual SCR/Diode Isolated modules
logo
Dynex Semiconductor
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com