Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F18 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # F18
Description  25-100Amp,Diode, SCR/Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

F18 Datasheet(HTML) 1 Page - Cynergy3 Co

  F18 Datasheet HTML 1Page - Cynergy3 Co F18 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
# Standard Package and Circuits
# Power Control Building Blocks
series F18
25-100Amp • Diode, SCR/Diode Modules
RATINGS
Electrical Specifications
27
42
57
92
107
ID
Maximum DC Output Current @ Tc = 85˚C (A) 25
40
55
90
105
VF
Maximum Voltage Drop @ Amps Peak
1.55V@75A 1.4@120A 1.4V@165A 1.4V@270A 1.65@V300A
TJ
Operating Junction Temperature Range
-40˚C to +125˚C
di/dt
Critical Rate of Rise of On-State
Current @ TJ=125˚C (A/µs)
100
dv/dt Critical Rate of Rise of Off-State Voltage
500
400 (120Vac)
600 (240Vac)
VRMS Repetitive Peak Reverse Voltage
1000 (380Vac)
AC Line Input Voltage
1200 (480Vac)
1400 (530Vac)
1600 (600Vac)
ITSM
Maximum Non-Repetitive
Surge Current (A) [ 1/2Cycle, 60Hz]
400
1000
1500
1950
2250
I2T
Maximum I2T for Fusing (A2sec) [t=8.3ms]
670
4150
9350
15800
25000
IGT
Maximum Required Gate Current
to Trigger @ 25˚C (mA)
150
VGT
Maximum Required Gate
Voltage to Trigger @ 25˚C (V)
3.0
PG(AV) Average Gate Power
0.5W
VGM
Maximum Peak Gate Voltage (Reverse)
5.0V
ROJC
Maximum Thermal Resistance Junction to
Ceramic Base per Chip
0.4
0.28
0.25
0.14
0.135
VISOL Isolation Voltage
2500 VRMS
Mechanical Specifications
Weight (Typical)
4.75 oz. (135g)
Torque Required
Terminal Stud Screw : 30 inch lb
Mounting Screw : 20 inch lb
.550
(14.0)
.787
(20.0)
.787
(20.0)
.590
(15.0)
.244
(6.2) DIA.
3.150
(79.9)
.393
(10.0)
.787
(20.0)
.393
(10.0)
.12
(3.0)
.500
(12.7)
M5 SCREW
3 PLCS
.110 X .036
FASTON TERMINALS
1.195
(30.3)
3.620
(91.9)
1.180
(29.9)
Modules come in an industry standard package, offering nine
circuits that can be used singly or as power control building
blocks. All models feature highly efficient thermal
management for greatly extended cycle life and are UL
recognized E72445.
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
Mechanical Dimensions
All dimensions are in inches (millimeters)


Similar Part No. - F18

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
F18 CRYDOM-F18 Datasheet
672Kb / 4P
Power Modules
logo
Sensata Technologies, I...
F18 SENSATA-F18 Datasheet
289Kb / 4P
POWER MODULES
Rev:04/23/24
logo
Alpha Wire
F18003KW ALPHAWIRE-F18003KW Datasheet
411Kb / 4P
18 (41/34) AWG Bare Copper
F18003LW ALPHAWIRE-F18003LW Datasheet
411Kb / 4P
18 (41/34) AWG Bare Copper
F18003RW ALPHAWIRE-F18003RW Datasheet
411Kb / 4P
18 (41/34) AWG Bare Copper
More results

Similar Description - F18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
Dual SCR/Diode Isolated modules
logo
Cynergy3 Co
B-2T CYNERGY3-B-2T Datasheet
244Kb / 2P
25-42.5Amp,SCR/Diode Modules
M50 CYNERGY3-M50 Datasheet
155Kb / 1P
60-100Amp Diode Modules
M50 CYNERGY3-M50_1 Datasheet
256Kb / 2P
50-100Amp SCR/Diode Modules
EFD02CF CYNERGY3-EFD02CF Datasheet
232Kb / 2P
50-170Amp Diode, SCR/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com