Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7SE512-AU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM7SE512-AU
Description  Thumb-based Microcontrollers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512-AU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM7SE512-AU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 9Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 10Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 11Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 12Page - ATMEL Corporation AT91SAM7SE512-AU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
6222AS–ATARM–21-Aug-06
AT91SAM7SE512/256/32 [Advance Information Summary]
4.
Package
The AT91SAM7SE512/256/32 is available in:
• 20 x 14 mm 128-lead LQFP package with a 0.5 mm lead pitch.
• 10x 10 x 1.4 mm 144-ball LFBGA package with a 0.8 mm lead pitch
4.1
128-lead LQFP Package Outline
Figure 4-1 shows the orientation of the 128-lead LQFP package and a detailed mechanical
description is given in the Mechanical Characteristics section of the full datasheet.
Figure 4-1.
128-lead LQFP Package Outline (Top View)
65
103
102
64
39
38
1
128


Similar Part No. - AT91SAM7SE512-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7SE512-AU ATMEL-AT91SAM7SE512-AU Datasheet
1Mb / 47P
Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7SE512-AU ATMEL-AT91SAM7SE512-AU Datasheet
806Kb / 47P
Product Description
More results

Similar Description - AT91SAM7SE512-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
Thumb-based Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45_14 Datasheet
377Kb / 10P
Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256 Datasheet
7Mb / 675P
Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256_05 Datasheet
480Kb / 38P
Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_09 Datasheet
768Kb / 47P
ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
ARM Thumb-based Microcontrollers
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
ARM Thumb - based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com