Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH49E Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH49E
Description  LINEAR HALL-EFFECT IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH49E Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH49E Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH49E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LINEAR HALL-EFFECT IC
AH49E
Preliminary Datasheet
1
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AH49E is a small, versatile linear Hall-effect
device that is operated by the magnetic field from a
permanent magnet or an electromagnet. The output
voltage is set by the supply voltage and varies in pro-
portion to the strength of the magnetic field.
The integrated circuitry features low noise output,
which makes it unnecessary to use external filtering. It
also includes precision resistors to provide increased
temperature stability and accuracy. The operating tem-
perature range of these linear Hall sensors is -40oC to
85oC, appropriate for commercial, consumer and
industrial applications.
The AH49E is available in standard TO-92S package.
Features
·
Miniature Construction
·
Power Consumption of 3.5mA at VCC=5V for
Energy Efficiency
·
Single Current Sourcing Output
·
Linear Output for Circuit Design Flexibility
·
Low Noise Output Virtually Eliminates the Need
for Filtering
·
A Stable and Accurate Output
·
Temperature Range of -40oC to 85oC
·
Responds to Either Positive or Negative Gauss
Applications
·
Current Sensing
·
Motor Control
·
Position Sensing
·
Magnetic Code Reading
·
Ferrous Metal Detector
·
Vibration Sensing
·
Liquid Level Sensing
·
Weight Sensing
Figure 1. Package Type of AH49E
TO-92S


Similar Part No. - AH49E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
Linear Hall Sensor
logo
Diodes Incorporated
AH49ENTR-G1 DIODES-AH49ENTR-G1 Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
AH49EZ3-E1 DIODES-AH49EZ3-E1 Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
AH49EZ3-G1 DIODES-AH49EZ3-G1 Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
More results

Similar Description - AH49E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
AH49F DIODES-AH49F Datasheet
467Kb / 12P
LINEAR HALL EFFECT IC
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com