Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T410-600T Datasheet(PDF) 7 Page - STMicroelectronics

Part # T410-600T
Description  4A TRIACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-600T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T410-600T Datasheet HTML 2Page - STMicroelectronics T410-600T Datasheet HTML 3Page - STMicroelectronics T410-600T Datasheet HTML 4Page - STMicroelectronics T410-600T Datasheet HTML 5Page - STMicroelectronics T410-600T Datasheet HTML 6Page - STMicroelectronics T410-600T Datasheet HTML 7Page - STMicroelectronics T410-600T Datasheet HTML 8Page - STMicroelectronics T410-600T Datasheet HTML 9Page - STMicroelectronics T410-600T Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
T4 Series
7/10
Figure 13: DPAK Package Mechanical Data
Figure 14: DPAK Foot Print Dimensions
(in millimeters)
H
L4
G
B
L2
E
B2
D
A1
R
R
C
A
C2
0.60 MIN.
V2
A2
6.7
6.7
3
3
1.6
1.6
2.3
2.3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
V2


Similar Part No. - T410-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600T STMICROELECTRONICS-T410-600T Datasheet
118Kb / 8P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600T JIEJIE-T410-600T Datasheet
662Kb / 6P
   4A TRIACs
logo
Apollo Electron Co., Lt...
T410-600T APOLLOELECTRON-T410-600T Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
STMicroelectronics
T410-600T STMICROELECTRONICS-T410-600T Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
T410-600T STMICROELECTRONICS-T410-600T Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results

Similar Description - T410-600T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com