Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6A40L Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # T6A40L
Description  6.0 Amp Silicon Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

T6A40L Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  T6A40L Datasheet HTML 1Page - TAITRON Components Incorporated T6A40L Datasheet HTML 2Page - TAITRON Components Incorporated T6A40L Datasheet HTML 3Page - TAITRON Components Incorporated T6A40L Datasheet HTML 4Page - TAITRON Components Incorporated T6A40L Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T6A05L~ T6A100L
6.0 AMP SILICON RECTIFIER
6.0 Amp Silicon Rectifiers
Features
• Low forward voltage drop
• high current capability
• High forward surge current capability
• High reliability
• High temperature soldering guaranteed 260°C/10 seconds
/.375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
T6L, molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Axial leads, solderable per MIL-STD-202G, Method 208
Polarity:
Cathode indicated by color band
Weight:
0.07 Ounce, 2.1 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
T6A
05L
T6A
10L
T6A
20L
T6A
40L
T6A
60L
T6A
80L
T6A
100L
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
6.0
A
Note 1
IFSM
Peak Forward Surge
Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +125
° C
T6L
Rev. A/NX
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel:
(800)-247-2232 (800)-TAITRON (661)-257-6060
Fax:
(800)-TAITFA
(800)-824-8329 (661)-257-6415


Similar Part No. - T6A40L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T6A40L ETC2-T6A40L Datasheet
178Kb / 5P
6.0 AMP SILICON RECTIFIER
More results

Similar Description - T6A40L

ManufacturerPart #DatasheetDescription
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Formosa MS
6A05 FORMOSA-6A05 Datasheet
34Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Weitron Technology
P600A WEITRON-P600A Datasheet
216Kb / 3P
6.0 Amp Silicon Rectifiers
logo
Gaomi Xinghe Electronic...
6A05 GXELECTRONICS-6A05 Datasheet
434Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
6A05 GWSEMI-6A05 Datasheet
67Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
6A05 DGNJDZ-6A05 Datasheet
324Kb / 2P
6.0 AMP SILICON RECTIFIERS
60S05-60S10 DGNJDZ-60S05-60S10 Datasheet
286Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10 Datasheet
251Kb / 2P
6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10_00 Datasheet
274Kb / 2P
6.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com