Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXM-869-ES Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TXM-869-ES
Description  ES SERIES TRANSMITTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-869-ES Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TXM-869-ES Datasheet HTML 1Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-869-ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
USING THE PDN PIN
The Power Down (PDN) line can be used to power down the transmitter without
the need for an external switch. This line has an internal pull-up, so when it is
held high or simply left floating, the module will be active.
When the PDN line is pulled to ground, the transmitter will enter into a low-
current (<95µA) power-down mode. During this time, the transmitter is off and
cannot perform any function. The startup time coming out of power-down will be
the same as applying VCC.
The PDN line allows easy control of the transmitter state from external
components, such as a microcontroller. By periodically activating the transmitter,
sending data, then powering down, the transmitter’s average current
consumption can be greatly reduced, saving power in battery operated
applications.
USING THE LO_V_D PIN
In many instances, the transmitter may be employed in a battery-powered
device. In such applications, it is often useful to be able to sense a low-battery
condition, either to signal the need for battery replacement or to power down
components that might otherwise operate unpredictably. Normally, this
supervisory function would require additional circuitry, but the ES Series
transmitter includes the function on-board.
The Low Voltage Detect line (LO_V_D) will transition low when the supply
voltage to the transmitter falls below a typical threshold of 2.15VDC. This output
can be tied directly to the module’s PDN line to shut off the transmitter, or used
to indicate the low voltage condition to an external circuit or microprocessor. The
output could also be used to provide a visual indication of the low power
condition via a LED, although a buffer transistor would generally be required to
provide an adequate drive level.
The output can also be monitored in applications with a power supply as a
safeguard against brownout conditions.
POWER SUPPLY REQUIREMENTS
The module does not have an internal voltage
regulator; therefore it requires a clean, well-regulated
power source. While it is preferable to power the unit
from a battery, it can also be operated from a power
supply as long as noise is less than 20mV. Power
supply noise can affect the transmitter modulation;
therefore, providing a clean power supply for the
module should be a high priority during design.
A 10
Ω resistor in series with the supply followed by a
10µF tantalum capacitor from VCC to ground will help in cases where the quality
of supply power is poor. Note that operation from 4.3 to 5.2 volts requires the
use of an external 270
Ω resistor placed in series with the supply to prevent V
CC
from exceeding 4.0 volts, so the dropping resistor can take the place of the 10
Ω
resistor in the supply filter. These values may need to be adjusted depending on
the noise present on the supply line.
Page 7
Page 6
10
Ω
10
μF
Vcc IN
Vcc TO
MODULE
Figure 9: Supply Filter
USING THE DIVIDED CLOCK OUTPUT (/CLK)
When the ES is used with a microcontroller, the divided clock output (/CLK)
saves cost and space by eliminating the need for a crystal or other frequency
reference for the microprocessor. This line is an open collector output, so an
external pull-up resistor (RL) should be connected between this line and the
positive supply voltage. The value of RL is calculated using two factors:
1) Determine the clock frequency (fCLKOUT). If /CLK SE is open, the /CLK output
will be the Tx center frequency (in MHz) divided by 1,024; if /CLK SEL is
grounded, it will be /256.
2) Determine the load capacitance of the PCB plus the microcontroller’s input
capacitance (CLD in pF).
Using these two factors, the value of RL can be easily calculated:
“/256” RL = 1000/(fCLKOUT*8*CLD)
“/1024” RL = 1000/(fCLKOUT*8*CLD)
Example:
Example:
For /256: 1000/((916.48/256)x8x5)=6.98k
Ω For /1024: 1000/((916.48/1024)x8x5)=27.9kΩ
USING LADJ
The transmitter’s output power can be externally adjusted by approximately
-65dBm using the LADJ line. This eliminates the need for external attenuation
and allows the transmitter’s power to be easily adjusted for range control, lower
power consumption, or to meet legal requirements. This line can also be
modulated to allow the ES to operate as an AM transmitter; however, this is not
recommended since the ES receiver is designed only for FM / FSK recovery and
the performance and noise immunity advantages of FM would be lost.
When the LADJ line is open, the output power will be at its maximum and the
transmitter will draw 7mA typically. When LADJ is at 0V, the output power will be
at its minimum and the transmitter will draw 3mA typically.
To set the transmit power at a particular level, simply create a voltage reference
at the LADJ line at an appropriate level to achieve the desired output power. The
easiest way to accomplish this is with an appropriate value resistor from the
LADJ line to ground. This resistor works in combination with the internal supply
pull-up to create a voltage divider. Page 3 of this data guide features a chart
showing typical resistor values and corresponding attenuation levels.
The LADJ line is very useful during FCC testing to compensate for antenna gain
or other product-specific issues that may cause the output power to exceed legal
limits. Often it is wise to connect the LADJ line to a variable resistor so that the
test lab can precisely adjust the output power to the maximum threshold allowed
by law. The resistor’s value can then be noted and a fixed resistor substituted for
final testing. Even in designs where attenuation is not anticipated, it is a good
idea to place a resistor pad connected to LADJ so that it can be used if needed.
For more sophisticated designs, LADJ may also be controlled by a DAC or digital
potentiometer to allow precise and digitally variable output power control.
In any case where the voltage on the LADJ line may fall below 1.5VDC, a low-
value ceramic capacitor (200 to 4,700pF) must be placed from the module’s
power supply to the LADJ pin. This is necessary to meet the module’s minimum
enable voltage at start-up.


Similar Part No. - TXM-869-ES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
More results

Similar Description - TXM-869-ES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
logo
Dialight Corporation
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
   ES Series White LED Luminaire
ESS-12-RGB-SD DIALIGHT-ESS-12-RGB-SD Datasheet
200Kb / 2P
   ES Series RGB LED Luminaire
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
logo
Linx Technologies
MDEV-FFF-ES LINX-MDEV-FFF-ES Datasheet
2Mb / 11P
   ES Series Master Development System
2015
logo
Advantech Co., Ltd.
ES-1108N-TVME ADVANTECH-ES-1108N-TVME Datasheet
461Kb / 3P
   ES-1108N-TVME
ES-1110R-LSAE ADVANTECH-ES-1110R-LSAE Datasheet
378Kb / 3P
   ES-1110R-LSAE
ES-1112N-LXME ADVANTECH-ES-1112N-LXME Datasheet
395Kb / 3P
   ES-1112N-LXME
ES-1112N-LSME ADVANTECH-ES-1112N-LSME Datasheet
523Kb / 4P
   ES-1112N-LSME
logo
Aven, Inc.
258-207-570-ES AVEN-258-207-570-ES Datasheet
907Kb / 1P
   Mighty Cam ES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com