Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMP216MGAW Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EMP216MGAW
Description  2Mx16 Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMP216MGAW Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EMP216MGAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMP216MGAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EMP216MGAW Series
2Mx16 Pseudo Static RAM
Preliminary
Rev 0.0
LOW POWER MODES
Deep Power Down Mode Entry/Exit
tCSZZ
CS#
ZZ#
tZZCS
Deep Power Down Entry
tR
Deep Power Down Exit
Normal
operation
tZZP
Low Power Mode Characteristics
Parameter
Description
Min
Max
Unit
tZZCS
ZZ# low to CS# low
0
-
ns
tCSZZ
CS# high to ZZ# high
0
-
ns
tR
Operation Recovery Time
200
-
us
tZZP
ZZ# pulse width
20
-
ns
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Deep Power Down
Current
IZZ
ZZ# < 0.2V, Other inputs = 0 ~ VCCQ
(Max. condition : VCC=3.3V @ 85oC)
-
-
10
uA
NOTES ( DEEP POWER DOWN )
During Deep Power Down mode, all referesh related activity are disabled.


Similar Part No. - EMP216MGAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
2Mx16 Pseudo Static RAM
EMP216MGAF-70E EMLSI-EMP216MGAF-70E Datasheet
551Kb / 13P
2Mx16 Pseudo Static RAM
More results

Similar Description - EMP216MGAW

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MFAW EMLSI-EMP216MFAW Datasheet
422Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
2Mx16 Pseudo Static RAM
EMP216MGAF EMLSI-EMP216MGAF Datasheet
551Kb / 13P
2Mx16 Pseudo Static RAM
EMP216MFAF EMLSI-EMP216MFAF Datasheet
504Kb / 12P
2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
2Mx16 Pseudo Static RAM
EMP216MEAW EMLSI-EMP216MEAW Datasheet
163Kb / 14P
2Mx16 Pseudo Static RAM
EMP116MAAF EMLSI-EMP116MAAF Datasheet
471Kb / 11P
1Mx16 Pseudo Static RAM
EMP116MEAW EMLSI-EMP116MEAW Datasheet
539Kb / 14P
1Mx16 Pseudo Static RAM
EMP116MFAW EMLSI-EMP116MFAW Datasheet
422Kb / 11P
1Mx16 Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com