Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT136-D Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # BT136-D
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BT136-D Datasheet(HTML) 2 Page - SemiWell Semiconductor

  BT136-D Datasheet HTML 1Page - SemiWell Semiconductor BT136-D Datasheet HTML 2Page - SemiWell Semiconductor BT136-D Datasheet HTML 3Page - SemiWell Semiconductor BT136-D Datasheet HTML 4Page - SemiWell Semiconductor BT136-D Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
0.5
mA
VTM
Peak On-State Voltage
IT = 5 A, Inst. Measurement
──
1.7
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
5
mA
I -GT1
──
5
I -GT3
──
5
I+GT3
──
12
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.5
V
V-GT1
──
1.5
V-GT3
──
1.5
V+GT3
──
2.5
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -0.75 A/ms,
VD=2/3 VDRM
5.0
──
V/㎲
IH
Holding Current
5
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.0
°C/W
BT136-D
2/5


Similar Part No. - BT136-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT136-D ETC-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results

Similar Description - BT136-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com