Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT136-D Datasheet(PDF) 4 Page - SemiWell Semiconductor

Part # BT136-D
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

BT136-D Datasheet(HTML) 4 Page - SemiWell Semiconductor

  BT136-D Datasheet HTML 1Page - SemiWell Semiconductor BT136-D Datasheet HTML 2Page - SemiWell Semiconductor BT136-D Datasheet HTML 3Page - SemiWell Semiconductor BT136-D Datasheet HTML 4Page - SemiWell Semiconductor BT136-D Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
BT136-D
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs.
Junction Temperature
Fig 9. Gate Trigger Characteristics Test Circuit
-50
0
50
100
150
0.1
1
10
I
+
GT3
I
+
GT1
I
-
GT1
I
-
GT3
Junction Temperature [
oC]
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
Time (sec)
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
Test Procedure Ⅰ
Test Procedure Ⅱ
Test Procedure Ⅲ
▼▲
A
V
10Ω
6V
RG
Test Procedure Ⅳ


Similar Part No. - BT136-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT136-D ETC-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results

Similar Description - BT136-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com