Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72F621 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST72F621
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F621 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST72F621 Datasheet HTML 111Page - STMicroelectronics ST72F621 Datasheet HTML 112Page - STMicroelectronics ST72F621 Datasheet HTML 113Page - STMicroelectronics ST72F621 Datasheet HTML 114Page - STMicroelectronics ST72F621 Datasheet HTML 115Page - STMicroelectronics ST72F621 Datasheet HTML 116Page - STMicroelectronics ST72F621 Datasheet HTML 117Page - STMicroelectronics ST72F621 Datasheet HTML 118Page - STMicroelectronics ST72F621 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 132 page
background image
ST7262
115/132
CONTROL PIN CHARACTERISTICS (Cont’d)
Figure 79. Typical ION vs. VDD with VIN=VSS
Figure 80. Typical VOL at VDD=5V (RESET)
Figure 81. Typical VOL vs. VDD (RESET)
-60
-50
-40
-30
-20
-10
0
33.5
44.5
55.5
66.5
VDD=5V
0.0
0.2
0.4
0.6
0.8
1.0
01
23
45
67
89
IIO (mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
33.544.555.566.5
VDD (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
33.5
44.5
55.5
66.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com