Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIR-3301-P Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIR-3301-P
Description  SUBMINIATURE PHOTOINTERRUPTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIR-3301-P Datasheet(HTML) 1 Page - Unity Opto Technology

  MIR-3301-P Datasheet HTML 1Page - Unity Opto Technology MIR-3301-P Datasheet HTML 2Page - Unity Opto Technology MIR-3301-P Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUBMINIATURE
PHOTOINTERRUPTER
MIR-3301-P
Description
Package Dimensions
The MIR-3301-P consists of a Gallium Arsenide in-
frared emitting diode and a NPN silicon phototran-
sistor built in a black plastic housing. It is a refl-
ective subminiature photointerrupter.
Features
Compact and thin
MIR-3301 : long lead type
Optimum detecting diatance : 0.8 - 1.0 mm
Wavelength : 940nm
Visible light cut-off type
Flat lead type
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Minimum Rating Maximum Rating
Unit
Continuous Forward Current
IF
50
mA
INPUT
Reverse Voltage
VR
5V
Power Dissipation
Pad
75
mW
V(BR)CEO
30
V
OUTPUT
V(BR)ECO
5V
Collector power dissipation
PC
75
mW
Total power dissipation
PTOT
100
mW
Operating Temperature Range
Topr
-25 o
C to + 85oC
Storage Temperature Range
Tstg
-40 o
C to + 100oC
12/12/2001
Lead Soldering Temperature (within 5 sec, minimum 1.6mm from body) at 260
oC
Collector-emitter breakdown voltage
Emitter-Collector breakdown voltage
Unity Opto Technology Co., Ltd.
Unit: mm
D
C
A
B
Emitte r
Anode
Colle ctor
Cathode
TOP VIEW
NOTE :
(1).Tolerance:±0.2mm
(2). ( ) Reference dimensions


Similar Part No. - MIR-3301-P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
More results

Similar Description - MIR-3301-P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
   Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
   Subminiature Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
   Subminiature Photointerrupter
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
   Subminiature Photointerrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com