Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIR-3301-P Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIR-3301-P
Description  SUBMINIATURE PHOTOINTERRUPTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIR-3301-P Datasheet(HTML) 2 Page - Unity Opto Technology

  MIR-3301-P Datasheet HTML 1Page - Unity Opto Technology MIR-3301-P Datasheet HTML 2Page - Unity Opto Technology MIR-3301-P Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIR-3301-P
Optical-Electrical Characteristics
Min .
Typ .
Max .
Unit .
Input
Forward Voltage
-
1.2
1.4
V
IF=20mA
Reverse Current
-
-
10
µA
VR=5V
Output
Collector Dark Current
-
-
100
nA
Vce=10V
B38
-
75
C
56
-
108
Transfer Cha-
D
80
-
151
racteristics
E
112
-
216
Response Time (RISE)
-
20
100
µS
Ic=100µA,Vce=2V
Response Time (FALL)
-
20
100
µS
RL=1K,d=1mm
*2Leak Current
-
-
0.1
µA
IF=4mA,Vce=5V
*1 THE CONDITION AND ARRANGEMENT OF THE REFLECTIVE OBJECT ARE SHOWN AS FOLLOWING .
*2 WITHOUT REFLECTIVE OBJECT.
TEST CONDITION AND ARRANGEMENT FOR COLLECTOR CURRENT
Typical Optical-Electrical Characteristic Curves
02/04/2002
tf
ILEAK
*1Collector Current
Parameter
Symbol
VF
IR
Test Conditions
IF=4mA,Vce=5V
Ic
tr
µA
Iceo
Unity Opto Technology Co., Ltd.
Device
Al refletive Surface
2 mm-thick glass
0
20
40
60
80
100
120
-25
0
25
50
75
100
Ambient Temperature TA (
oC)
Fig.1 forward Current VS.
Ambient Temperature
Ambient Temperature TA (
oC )
Fig.2 Power Dissipation vs.
Ambient Temperature
PTOT
Pad , PC
0
10
20
30
40
50
60
-25
0
25
50
75
100
0
100
200
300
400
500
600
0
5
10
15
20
Vce=5V
Ta=25oC
Forward Current IF (mA)
Fig.4 Collector Current vs.
Forward Current
0
10
20
30
40
50
0.0
0.5
1.0
1.5
Forward Voltage VF (V)
Fig.3 Forward Current VS
Forward Voltage


Similar Part No. - MIR-3301-P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
More results

Similar Description - MIR-3301-P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
   Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
   Subminiature Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
   SUBMINIATURE PHOTOINTERRUPTER
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
   Subminiature Photointerrupter
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
   Subminiature Photointerrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com