Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 44 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 44 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation GS9090B Datasheet HTML 46Page - Gennum Corporation GS9090B Datasheet HTML 47Page - Gennum Corporation GS9090B Datasheet HTML 48Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
44 of 71
3.9.7.3 Lock Error Detection
The LOCKED pin of the GS9090B asserts HIGH when the device has correctly
locked to the received data stream (see Section 3.5.1).
The GS9090B will also indicate lock error to the host interface when LOCKED =
LOW by setting the LOCK_ERR bit in the ERROR_STATUS register HIGH
(Table 3-11).
3.9.7.4 Ancillary Data Checksum Error Detection
The GS9090B will calculate checksums for all received ancillary data types and
compare the calculated values to the received checksum words. If a mismatch is
detected, the CS_ERR bit of the ERROR_STATUS register will be set HIGH
(Table 3-11).
Although the GS9090B will calculate and compare checksum values for all
ancillary data types by default, the host interface may be programmed to check
only certain types of ancillary data checksums, as described in Section 3.9.2.1.
3.9.7.5 TRS Error Detection
TRS error flags are generated by the GS9090B when the received TRS H timing
does not correspond to the internal flywheel timing, or when the received TRS
Hamming codes are incorrect.
These errors are flagged via the SAV_ERR and/or EAV_ERR bits of the
ERROR_STATUS register (Table 3-11). Both 8-bit and 10-bit SAV and EAV errors
are handled by the GS9090B.
NOTE: H timing based TRS errors will only be detected if the FW_EN pin is set
HIGH. F & V timing errors are not detected or corrected.
3.9.8 Additional Processing Functions
The GS9090B contains an additional processing block which is available in
SMPTE mode only. The IOPROC_EN pin must be set HIGH to enable these
functions. These functions, which are all enabled by default, may be enabled or
disabled individually by setting bits 0 to 3 in the IOPROC_DISABLE register
(Table 3-14).
NOTE: After a device reset, these functions will revert to their default values.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com