Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 43 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 43 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 39Page - Gennum Corporation GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation GS9090B Datasheet HTML 46Page - Gennum Corporation GS9090B Datasheet HTML 47Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
43 of 71
AP_PIXEL_START_F0
Address: 1Dh
15-13
Not Used
12-0
AP_PIXEL_START_F0[12:0]
Field 0 Active Picture start pixel data
used to set EDH calculation range
outside of SMPTE RP 165 values.
R/W
0
AP_PIXEL_END_F0
Address: 1Eh
15-13
Not Used
12-0
AP_PIXEL_END_F0[12:0]
Field 0 Active Picture end pixel data
used to set EDH calculation range
outside of SMPTE RP 165 values.
R/W
0
AP_PIXEL_START_F1
Address: 1Fh
15-13
Not Used
12-0
AP_PIXEL_START_F1[12:0]
Field 1 Active Picture start pixel data
used to set EDH calculation range
outside of SMPTE RP 165 values.
R/W
0
AP_PIXEL_END_F1
Address: 20h
15-13
Not Used
12-0
AP_PIXEL_END_F1[12:0]
Field 1 Active Picture end pixel data
used to set EDH calculation range
outside of SMPTE RP 165 values.
R/W
0
FF_PIXEL_START_F0
Address: 21h
15-13
Not Used
12-0
FF_PIXEL_START_F0[12:0]
Field 0 Full Field start pixel data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_PIXEL_END_F0
Address: 22h
15-13
Not Used
12-0
FF_PIXEL_END_F0[12:0]
Field 0 Full Field end pixel data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_PIXEL_START_F1
Address: 23h
15-13
Not Used
12-0
FF_PIXEL_START_F1[12:0]
Field 1 Full Field start pixel data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
FF_PIXEL_END_F1
Address: 24h
15-13
Not Used
12-0
FF_PIXEL_END_F1[12:0]
Field 1 Full Field end pixel data used to
set EDH calculation range outside of
SMPTE RP 165 values.
R/W
0
Table 3-13: Host Interface Description for EDH Calculation Range Registers (Continued)
Register Name
Bit
Name
Description
R/W
Default


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com