Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 41 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 41 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 37Page - Gennum Corporation GS9090B Datasheet HTML 38Page - Gennum Corporation GS9090B Datasheet HTML 39Page - Gennum Corporation GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
41 of 71
3.9.7.1 Video Standard Error Detection
If a mismatch between the decoded SMPTE 352M packets and the calculated
video standard occurs, the GS9090B will indicate a video standard error by setting
the VD_STD_ERR bit of the ERROR_STATUS register HIGH. The device will
detect errors in both version 1 and version 0 352M packets.
3.9.7.2 EDH CRC Error Detection
The GS9090B calculates the Full Field (FF) and Active Picture (AP) CRC words
according to SMPTE RP165 in support of Error Detection and Handling packets in
SD signals.
These calculated CRC values are compared with the received CRC values. If a
mismatch is detected, the error is flagged in the AP_CRC_ERR and/or
FF_CRC_ERR bits of the ERROR_STATUS register. These two flags are shared
between fields 1 and 2.
The AP_CRC_ERR bit will be set HIGH when an active picture CRC value
mismatch has been detected in field 1 or 2. The FF_CRC_ERR bit will be set HIGH
when a full field CRC value mismatch has been detected in field 1 or 2.
EDH CRC errors will only be indicated when the device has correctly received EDH
packets.
SMPTE RP165 specifies the calculation ranges and scope of EDH data for
standard 525 and 625 component digital interfaces. The GS9090B will utilize these
standard ranges by default.
If the received video format does not correspond to 525 or 625 digital component
video standards as determined by the flywheel pixel and line counters, the ranges
will be based on the line and pixel ranges programmed by the host interface. In the
absence of user-programmed calculation ranges, the ranges will be determined
from the received TRS timing information.
Table 3-12: Host Interface Description for Error Mask Register
Register Name
Bit
Name
Description
R/W
Default
ERROR_MASK
Address: 25h
15-7
Not Used
6
5
VD_STD_ERR_MASK
Video Standard Error Flag Mask bit.
R/W
0
FF_CRC_ERR_MASK
Full Field CRC Error Flag Mask bit.
R/W
0
4
AP_CRC_ERR_MASK
Active Picture CRC Error Flag Mask bit
R/W
0
3
LOCK_ERR_MASK
Lock Error Flag Mask bit.
R/W
0
2
CS_ERR_MASK
Checksum Error Flag Mask bit.
R/W
0
1
SAV_ERR_MASK
Start of Active Video Error Flag Mask bit.
R/W
0
0
EAV_ERR_MASK
End of Active Video Error Flag Mask bit.
R/W
0


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com