Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 35Page - Gennum Corporation GS9090B Datasheet HTML 36Page - Gennum Corporation GS9090B Datasheet HTML 37Page - Gennum Corporation GS9090B Datasheet HTML 38Page - Gennum Corporation GS9090B Datasheet HTML 39Page - Gennum Corporation GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
39 of 71
3.9.6.1 Data Format Indication
The GS9090B can extract the data format being carried on the serial digital
interface (i.e. SDTI, SDI, or DVB-ASI). This information is represented by bits 0 to
3 of the DATA_FORMAT register (Table 3-7).
DATA_FORMAT[3:0] register codes are shown in Table 3-10.
The DATA_FORMAT[3:0] register defaults to Fh (undefined) after a system reset.
The register will also be set to its default value if the device is not locked (LOCKED
= LOW), or if both SMPTE_BYPASS and DVB_ASI pins are LOW.
3.9.7 Error Detection and Indication
The GS9090B contains a number of error detection functions to enhance operation
of the device when operating in SMPTE mode. These functions, except lock error
detection, will not be available in DVB-ASI mode (Section 3.7) or Data-Through
mode (Section 3.8).
The ERROR_STATUS register is at address 01h (Table 3-11). All bits, except the
LOCK_ERR bit, will be cleared at the start of each video field or when read by the
host interface, whichever condition occurs first.
All bits, with the exception of the LOCK_ERR, will also be cleared if a change in the
video standard is detected, if the device loses lock to the input data stream
(LOCKED = LOW), or if the SMPTE_BYPASS pin is asserted LOW.
The ERROR_STATUS register, including the LOCK_ERR bit, will be set LOW
during a system reset (RESET = LOW).
Table 3-10: Data Format Register Codes
Data Format[3:0]
Data Format
Applicable Standards
0h
SDTI DVCPRO - No ECC
SMPTE 321M
1h
SDTI DVCPRO - ECC
SMPTE 321M
2h
SDTI DVCAM
SMPTE 322M
3h
SDTI CP
SMPTE 326M
4h
Other SDTI fixed block size
5h
Other SDTI variable block size
6h
SDI
7h
DVB-ASI
8h ~ Eh
Reserved
Fh
Unknown data format


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com