Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 38 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 38 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 34Page - Gennum Corporation GS9090B Datasheet HTML 35Page - Gennum Corporation GS9090B Datasheet HTML 36Page - Gennum Corporation GS9090B Datasheet HTML 37Page - Gennum Corporation GS9090B Datasheet HTML 38Page - Gennum Corporation GS9090B Datasheet HTML 39Page - Gennum Corporation GS9090B Datasheet HTML 40Page - Gennum Corporation GS9090B Datasheet HTML 41Page - Gennum Corporation GS9090B Datasheet HTML 42Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
38 of 71
3.9.6 Automatic Video Standard and Data Format Detection
The GS9090B can detect the input video standard and data format by using the
timing parameters extracted from the received TRS ID. Total samples per line,
active samples per line, total lines per frame, and active lines per field are all
calculated and presented to the host interface via the RASTER_STRUCTURE
registers (Table 3-9).
Also associated with the RASTER_STRUCTURE registers is the STD_LOCK
status bit. The GS9090B will set STD_LOCK HIGH when the flywheel has
achieved full synchronization to the received video standard. STD_LOCK is stored
in the DATA_FORMAT register (Table 3-7).
The four RASTER_STRUCTURE registers, as well as the STD_LOCK status bit
will default to zero after a device reset, or if the device loses lock to the input data
stream (LOCKED = LOW).
Table 3-8: Host Interface Description for SMPTE 352M Payload Identifier Registers
Register Name
Bit
Name
Description
R/W
Default
VIDEO_FORMAT_OUT_B
Address: 10h
15-8
SMPTE 352M Byte 4
Data will be available in this register when
Video Payload Identification Packets are
detected in the data stream.
R0
7-0
SMPTE 352M Byte 3
Data will be available in this register when
Video Payload Identification Packets are
detected in the data stream.
R0
VIDEO_FORMAT_OUT_A
Address: 0Fh
15-8
SMPTE 352M Byte 2
Data will be available in this register when
Video Payload Identification Packets are
detected in the data stream.
R0
7-0
SMPTE 352M Byte 1
Data will be available in this register when
Video Payload Identification Packets are
detected in the data stream.
R0
Table 3-9: Host Interface Description for Raster Structure Registers
Register Name
Bit
Name
Description
R/W
Default
RASTER_STRUCTURE1
Address: 11h
15-11
Not Used
10-0
RASTER_STRUCTURE1[10:0]
Total Lines Per Frame
R
0
RASTER_STRUCTURE2
Address: 12h
15-13
Not Used
12-0
RASTER_STRUCTURE2[12:0]
Total Words Per Line
R
0
RASTER_STRUCTURE3
Address: 13h
15-13
Not Used
12-0
RASTER_STRUCTURE3[12:0]
Words Per Active Line
R
0
RASTER_STRUCTURE4
Address: 14h
15-11
Not Used
10-0
RASTER_STRUCTURE4[10:0]
Active Lines Per Field
R
0


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com