Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 34 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 34 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 30Page - Gennum Corporation GS9090B Datasheet HTML 31Page - Gennum Corporation GS9090B Datasheet HTML 32Page - Gennum Corporation GS9090B Datasheet HTML 33Page - Gennum Corporation GS9090B Datasheet HTML 34Page - Gennum Corporation GS9090B Datasheet HTML 35Page - Gennum Corporation GS9090B Datasheet HTML 36Page - Gennum Corporation GS9090B Datasheet HTML 37Page - Gennum Corporation GS9090B Datasheet HTML 38Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
34 of 71
3.9.3 EDH Packet Detection
The GS9090B will determine if EDH packets are present in the incoming video data
and assert the EDH_DETECT output status signal appropriately.
EDH_DETECT will be set HIGH when EDH packets have been detected and will
remain HIGH until EDH packets are no longer present. The signal will be set LOW
at the end of the vertical blanking (falling edge of V) if an EDH packet has not been
received and detected during vertical blanking.
EDH_DETECT can be programmed to be available for output on the multi-function
output port pins (see Section 3.12). The EDH_DETECT bit is also available in the
DATA_FORMAT register at address 04h (see Table 3-7).
Table 3-4: Host Interface Description for Programmable Ancillary Data Type registers
Register Name
Bit
Name
Description
R/W
Default
ANC_TYPE 1
Address: 0Ah
15-8
ANC_TYPE1[15:8]
Used to program the DID for ancillary data
detection at ANC output
R/W
0
7-0
ANC_TYPE1[7:0]
Used to program the SDID for ancillary data
detection at ANC output. Should be set to zero
if no SDID is present in the ancillary data packet
to be detected.
R/W
0
ANC_TYPE 2
Address: 0Bh
15-8
ANC_TYPE2[15:8]
Used to program the DID for ancillary data
detection at ANC output
R/W
0
7-0
ANC_TYPE2[7:0]
Used to program the SDID for ancillary data
detection at ANC output. Should be set to zero
if no SDID is present in the ancillary data packet
to be detected.
R/W
0
ANC_TYPE 3
Address: 0Ch
15-8
ANC_TYPE3[15:8]
Used to program the DID for ancillary data
detection at ANC output
R/W
0
7-0
ANC_TYPE3[7:0]
Used to program the SDID for ancillary data
detection at ANC output. Should be set to zero
if no SDID is present in the ancillary data packet
to be detected.
R/W
0
ANC_TYPE 4
Address: 0Dh
15-8
ANC_TYPE4[15:8]
Used to program the DID for ancillary data
detection at ANC output
R/W
0
7-0
ANC_TYPE4[7:0]
Used to program the SDID for ancillary data
detection at ANC output. Should be set to zero
if no SDID is present in the ancillary data packet
to be detected.
R/W
0
ANC_TYPE 5
Address: 0Eh
15-8
ANC_TYPE5[15:8]
Used to program the DID for ancillary data
detection at ANC output
R/W
0
7-0
ANC_TYPE5[7:0]
Used to program the SDID for ancillary data
detection at ANC output. Should be set to zero
if no SDID is present in the ancillary data packet
to be detected.
R/W
0


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
270Mb/s Deserializer for SDI
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com