Electronic Components Datasheet Search |
|
GS9090B Datasheet(PDF) 31 Page - Gennum Corporation |
|
GS9090B Datasheet(HTML) 31 Page - Gennum Corporation |
31 / 71 page GS9090B Data Sheet 40749 - 2 January 2007 31 of 71 RESTART_PLL signal should be repeated indefinitely as long as LOCKED remains de-asserted. Figure 3-5: GS9090B False Lock Restart Circuit Waveforms of False Lock After Power-up and False Lock After a Signal Switch. 3.7.1 DVB-ASI 8b/10b Decoding The GS9090B will word align the data to the K28.5 sync characters, and 8b/10b decode and bit-swap the data to achieve bit alignment with the data outputs. NOTE: DVB-ASI sync words must be immediately followed by an MPEG packet header for word alignment to correctly function. The extracted 8-bit data will be presented to DOUT [7:0], bypassing all internal SMPTE mode data processing. 3.7.2 Status Signal Outputs In DVB-ASI mode, the DOUT9 and DOUT8 pins will be configured as DVB-ASI status signals WORDERR and SYNCOUT respectively. SYNCOUT will be HIGH whenever a K28.5 sync character is present on the output. WORDERR will be HIGH whenever the device has detected an illegal 8b/10b code word or there is a running disparity error. 3.8 Data-Through Functionality The GS9090B may be configured to operate as a simple serial-to-parallel converter. In this mode, the data is output to the parallel output without performing any decoding, descrambling, or word-alignment. Data-Through functionality is enabled when the AUTO/MAN, SMPTE_BYPASS, and DVB_ASI input pins are set to logic LOW. Under these conditions, the GS9090B allows 270Mb/s input data not conforming to SMPTE or DVB-ASI streams to be reclocked and deserialized. If the device is in Data-Through mode, and the reclocker locks to the data stream, the LOCKED pin will be representative of the serial digital input data frequency. DDI POWER_OK LOCKED RESTART_PLL ~700µs ~20µs ~700µs ~20µs VALID DVB-ASI INPUT SIGNAL VALID DVB-ASI INPUT SIGNAL |
Similar Part No. - GS9090B |
|
Similar Description - GS9090B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |