Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 25 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 25 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 21Page - Gennum Corporation GS9090B Datasheet HTML 22Page - Gennum Corporation GS9090B Datasheet HTML 23Page - Gennum Corporation GS9090B Datasheet HTML 24Page - Gennum Corporation GS9090B Datasheet HTML 25Page - Gennum Corporation GS9090B Datasheet HTML 26Page - Gennum Corporation GS9090B Datasheet HTML 27Page - Gennum Corporation GS9090B Datasheet HTML 28Page - Gennum Corporation GS9090B Datasheet HTML 29Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
25 of 71
Figure 3-2: Lock Detection Process
The lock detection algorithm (Figure 3-2) first determines if the input is a 270Mb/s
serial digital data stream.
When the serial data input signal is considered invalid, the LOCKED pin will be set
LOW, and all device outputs will be forced LOW, except PCLK.
If a valid serial digital input signal has been detected, and the device is in Auto
mode, the lock algorithm will attempt to detect the presence of either SMPTE TRS
words or DVB-ASI sync words*. Assuming that a valid 270Mb/s SMPTE or
DVB-ASI signal has been applied to the device, the LOCKED pin will be set HIGH.
The PCLK output frequency will be 27MHz +/- 7.5% when the device is not locked,
as well as during the lock detection process.
* DVB-ASI sync words must be immediately followed by an MPEG packet header
for word alignment to correctly function.
For serial inputs that do not conform to SMPTE or DVB-ASI formats, the device can
only achieve the locked state in manual mode. In Auto mode, the LOCKED signal
will be asserted LOW, the parallel outputs will be latched to logic LOW, and the
SMPTE_BYPASS and DVB_ASI output signals will also be set LOW.
Power Up
or RESET
NO
YES
(Device in
Manual Mode)
Valid Serial
Digital Input?
Internal reclocker
locked?
Device in Auto Mode?
(Section 3.6.2)
SMPTE TRS or
DVB-ASI sync words
detected?
SMPTE_BYPASS and DVB_ASI pins must
be set to support different
functionalities (Section 3.6.3).
sets SMPTE_BYPASS
and DVB_ASI pins LOW
Device
Device
sets LOCKED
pin LOW
Device sets
LOCKED pin HIGH
Device sets SMPTE_BYPASS
and DVB_ASI status pins
(Section 3.6.2)
Device outputs accurate
27MHz clock on PCLK pin
Device
outputs 27MHz +/- 7%
clock on PCLK pin
Device
sets all other
output pins LOW
(Input data invalid)
YES
NO
NO
NO
YES
YES


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com