Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 23 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 23 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 19Page - Gennum Corporation GS9090B Datasheet HTML 20Page - Gennum Corporation GS9090B Datasheet HTML 21Page - Gennum Corporation GS9090B Datasheet HTML 22Page - Gennum Corporation GS9090B Datasheet HTML 23Page - Gennum Corporation GS9090B Datasheet HTML 24Page - Gennum Corporation GS9090B Datasheet HTML 25Page - Gennum Corporation GS9090B Datasheet HTML 26Page - Gennum Corporation GS9090B Datasheet HTML 27Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
23 of 71
3.3 Clock and Data Recovery
The GS9090B contains an integrated clock and data recovery block. The function
of this block is to lock to the input data stream, extract a clean clock, and retime the
serial digital data to remove high frequency jitter.
3.3.1 Internal VCO and Phase Detector
The GS9090B uses an internal VCO and PFD as part of the reclocker's
phase-locked loop. Each block requires a +1.8V DC power supply, which is
supplied via the VCO_VDD / VCO_GND and PLL_VDD / PLL_GND pins.
3.4 Serial-To-Parallel Conversion
The retimed data and phase-locked clock signals from the reclocker are fed to the
serial-to-parallel converter. The function of this block is to extract 10-bit parallel
data words from the reclocked serial data stream and simultaneously present them
to the SMPTE and DVB-ASI word alignment blocks.
3.5 Modes Of Operation
The GS9090B has two basic modes of operation: Auto mode and Manual mode.
Auto mode is enabled when AUTO/MAN is set HIGH, and Manual mode is enabled
when AUTO/MAN is set LOW. As indicated in Figure 3-1, each mode supports both
SMPTE and DVB-ASI input signals. In addition, Data-Through functionality is
possible when the GS9090B is in Manual mode.
In Auto mode (AUTO/MAN = HIGH), the GS9090B will automatically detect,
reclock, deserialize, and process SMPTE 259M-C, or DVB-ASI input data.
In Manual mode (AUTO/MAN = LOW), the SMPTE_BYPASS and DVB_ASI pins
must be set as per Table 3-2 for the correct reception of either SMPTE or DVB-ASI
data. Manual mode also supports the reclocking and deserializing of 270Mb/s data
not conforming to SMPTE or DVB-ASI streams.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com