Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 12 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 12 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 8Page - Gennum Corporation GS9090B Datasheet HTML 9Page - Gennum Corporation GS9090B Datasheet HTML 10Page - Gennum Corporation GS9090B Datasheet HTML 11Page - Gennum Corporation GS9090B Datasheet HTML 12Page - Gennum Corporation GS9090B Datasheet HTML 13Page - Gennum Corporation GS9090B Datasheet HTML 14Page - Gennum Corporation GS9090B Datasheet HTML 15Page - Gennum Corporation GS9090B Datasheet HTML 16Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
12 of 71
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value/Units
Supply Voltage Core
-0.3V to +2.1V
Supply Voltage I/O
-0.3V to +3.47V
Input Voltage Range (any input)
-2.0V to + 5.25V
Ambient Operating Temperature
-20°C < TA < 85°C
Storage Temperature
-40°C < TSTG < 125°C
ESD protection on all pins (see Note 1)
1kV
Solder Reflow Temperature
260°C
NOTES:
1. HBM, per JESD22 - A114B
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions or at any other condition beyond those indicated in the
AC/DC Electrical Characteristic sections is not implied.
Table 2-2: DC Electrical Characteristics
VDD = 1.8V ±5%, 3.3V ±5%; TA = 0°C to 70°C, unless otherwise specified. Typical values: VCC = 1.8V, 3.3V and TA =25°C
Parameter
Symbol
Condition
Min
Typ
Max
Units
Notes
System
Core Power Supply Voltage
CORE_VDD
1.71
1.8
1.89
V
Digital I/O Buffer Power Supply
Voltage
IO_VDD
1.8V Operation
1.71
1.8
1.89
V
IO_VDD
3.3V Operation
3.13
3.3
3.47
V
PLL Power Supply Voltage
PLL_VDD
1.71
1.8
1.89
V
VCO Power Supply Voltage
VCO_VDD
1.71
1.8
1.89
V
Typical System Power
PD
CORE_VDD = 1.8V
IO_VDD = 1.8V
T = 25oC
145
mW


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com