Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 4Page - Gennum Corporation GS9090B Datasheet HTML 5Page - Gennum Corporation GS9090B Datasheet HTML 6Page - Gennum Corporation GS9090B Datasheet HTML 7Page - Gennum Corporation GS9090B Datasheet HTML 8Page - Gennum Corporation GS9090B Datasheet HTML 9Page - Gennum Corporation GS9090B Datasheet HTML 10Page - Gennum Corporation GS9090B Datasheet HTML 11Page - Gennum Corporation GS9090B Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
8 of 71
20
SDIN_TDI
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Input / Test Data Input
Host Mode (JTAG/HOST = LOW):
SDIN_TDI operates as the host interface serial input, SDIN, used to
write address and configuration information to the internal registers of
the device.
JTAG Test Mode (JTAG/HOST = HIGH):
SDIN_TDI operates as the JTAG test data input, TDI.
21, 29, 43
IO_VDD
Non
Synchronous
Input
Power
Power supply for digital I/O.
For a 3.3V tolerant I/O, connect pins to either +1.8V DC or +3.3V DC.
For a 5V tolerant I/O, connect pins to a +3.3V DC.
NOTE: For power sequencing requirements please see Device Power
Up on page 63.
22
DATA_ERROR
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT.
Signal levels are LVCMOS / LVTTL compatible.
The DATA_ERROR signal will be LOW when an error within the
received data stream has been detected by the device. This pin is an
inverted logical ‘OR’ing of all detectable errors listed in the internal
ERROR_STATUS register.
Once an error is detected, DATA_ERROR will remain LOW until the
start of the next video frame / field, or until the ERROR_STATUS
register is read via the host interface.
The DATA_ERROR signal will be HIGH when the received data stream
has been detected without error.
NOTE: It is possible to program which error conditions are monitored
by the device by setting appropriate bits in the ERROR_MASK register
HIGH. All error conditions are detected by default.
23, 25, 26, 27
STAT[0:3]
Synchronous
with PCLK or
RD_CLK
Output
MULTI FUNCTION I/O PORT
Signal levels are LVCMOS / LVTTL compatible.
Programmable multi-function outputs. By programming the bits is the
IO_CONFIG register, each pin can output one of the following signals:
•H
•V
•F
• FIFO_LD
• ANC_DETECT
• EDH_DETECT
•FIFO_FULL
•FIFO_EMPTY
These pins are set to certain default values depending on the
configuration of the device and the internal FIFO mode selected. See
Programmable Multi-Function Outputs on page 56 for details.
24, 28, 42
IO_GND
Non
Synchronous
Input
Power
Ground connection for digital I/O. Connect to GND.
Table 1-1: Pin List and Description (Continued)


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com