Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 67 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 67 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 63Page - Gennum Corporation GS9090B Datasheet HTML 64Page - Gennum Corporation GS9090B Datasheet HTML 65Page - Gennum Corporation GS9090B Datasheet HTML 66Page - Gennum Corporation GS9090B Datasheet HTML 67Page - Gennum Corporation GS9090B Datasheet HTML 68Page - Gennum Corporation GS9090B Datasheet HTML 69Page - Gennum Corporation GS9090B Datasheet HTML 70Page - Gennum Corporation GS9090B Datasheet HTML 71Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
67 of 71
5.2 Typical Application Circuit (Part B)
RESETb
DOUT9
DOUT7
DOUT5
DOUT3
DOUT4
DOUT2
DOUT6
DOUT0
DOUT1
DOUT8
IOPROC_EN
JTAG_HOSTb
LF-
1
PLL_GND
2
PLL_VDD
3
BUFF_VDD
4
DDI
5
DDI
6
BUFF_GND
7
TERM
8
NC
9
VBG
10
NC
11
IOPROC_EN
12
JTAG/HOST
13
RESET
14
IO_GND
42
DOUT9
41
DOUT8
40
DOUT7
39
DOUT6
38
DOUT5
37
DOUT4
36
DOUT3
35
DOUT2
34
DOUT1
33
DOUT0
32
RD_RESET
31
RD_CLK
30
IO_VDD
29
1u
10n
1u
1u
100k
0
1u
10n
NP (0)
10n
1u
STAT3
10n
GS9090B
100n
10n
(NP)
4n7
100K
(NP)
1u
100K
(NP)
NP
(NP)
100K
(NP)
10n
(NP)
10n
10n
(NP)
0
(NP)
0
10n
1u
(NP)
EQ_GND
+1.8V
GND_D
GND_D
+1.8V
GND_D
GND_D
GND_A
GND_D
GND_D
GND_A
GND_A
GND_A
+1.8V
GND_D
EQ_GND
IO_VDD
IO_VDD
GND_D
IO_VDD
+3.3V
GND_D
GND_A
GND_A
+1.8V _A
IO_VDD
STAT2
STAT1
STAT0
DATA[9..0]
PCLK
SCLK_TCK
SDIN_TDI
CSb_TMS
SDOUT_TDO
RD_RESETb
RD_CLK
DDI
DDIb
FIFO_EN
FW_EN
AUTO_MANb
IOPROC_EN
RESETb
JTAG_HOSTb
SMPTE_BYPASSb
DVB_ASI
LOCKED
DATA_ERRORb
1u
GND_A
GND_A
+1.8V_A
+1.8V_A
1u


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com