Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 60 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 60 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 56Page - Gennum Corporation GS9090B Datasheet HTML 57Page - Gennum Corporation GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation GS9090B Datasheet HTML 62Page - Gennum Corporation GS9090B Datasheet HTML 63Page - Gennum Corporation GS9090B Datasheet HTML 64Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
60 of 71
All read or write access to the GS9090B is initiated and terminated by the host
processor. Each access always begins with a 16-bit command word on SDIN
indicating the address of the register of interest. This is followed by a 16-bit data
word on SDIN in write mode, or a 16-bit data word on SDOUT in read mode.
3.14.1 Command Word Description
The command word consists of a 16-bit word transmitted MSB first and contains a
read/write bit, an Auto-Increment bit and a 12-bit address. Figure 3-17 shows the
command word format and bit configurations.
Command words are clocked into the GS9090B on the rising edge of the serial
clock SCLK, which operates in a burst fashion.
When the Auto-Increment bit is set LOW, each command word must be followed
by only one data word to ensure proper operation. If the Auto-Increment bit is set
HIGH, the following data word will be written into the address specified in the
command word, and subsequent data words will be written into incremental
addresses from the previous data word. This facilitates multiple address writes
without sending a command word for each data word.
Auto-Increment may be used for both read and write access.
3.14.2 Data Read and Write Timing
Read and write mode timing for the GSPI interface is shown in Figure 3-19 and
Figure 3-20 respectively. The timing parameters are defined in Table 3-21.
When several devices are connected to the GSPI chain, only one CS must be
asserted during a read sequence.
During the write sequence, all command and following data words input at the
SDIN pin are output at the SDOUT pin as is. Where several devices are connected
to the GSPI chain, data can be written simultaneously to all the devices that have
CS set LOW.
Table 3-21: GSPI Timing Parameters
Parameter
Definition
Specification
t0
The minimum duration of time chip select, CS, must be
LOW before the first SCLK rising edge.
1.5 ns
t1
The minimum SCLK period.
12.5 ns
t2
Duty cycle tolerated by SCLK.
40% to 60%
t3
Minimum input setup time.
1.5 ns
t4
Write Cycle: the minimum duration of time between the
last SCLK command (or data word if the Auto-Increment
bit is HIGH) and the first SCLK of the data word.
37.1 ns
t5
Read Cycle: the minimum duration of time between the
last SCLK command (or data word if the Auto-Increment
bit is HIGH) and the first SCLK of the data word.
148.4 ns


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com