Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 59 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 59 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 55Page - Gennum Corporation GS9090B Datasheet HTML 56Page - Gennum Corporation GS9090B Datasheet HTML 57Page - Gennum Corporation GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation GS9090B Datasheet HTML 62Page - Gennum Corporation GS9090B Datasheet HTML 63Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
59 of 71
When the GS9090B is configured for low-latency mode, the H,V, and F output
timing will be based on the incoming TRS codes as shown in Figure 3-15. Active
line-based timing is not available and the setting of the H_CONFIG host interface
bit will be ignored.
Figure 3-15: H,V,F Timing In Low-latency Mode
3.14 GSPI Host Interface
The GSPI, or Gennum Serial Peripheral Interface, is a 4-wire interface provided to
allow access to the host interface of the GS9090B and/or to provide additional
status information through configuration registers in the device.
The GSPI comprises a serial data input signal SDIN, serial data output signal
SDOUT, an active low chip select CS, and a burst clock SCLK. The burst clock
must have a duty cycle between 40% and 60%.
Because these pins are shared with the JTAG interface port, an additional control
signal pin JTAG/HOST is provided. When JTAG/HOST is LOW, the GSPI interface
is enabled.
When operating in GSPI mode, the SCLK, SDIN, and CS signals are provided by
the application interface. The SDOUT pin is a non-clocked loop-through of SDIN
and may be connected to the SDIN of another device, allowing multiple devices to
be connected to the GSPI chain. The interface is illustrated in Figure 3-16.
Figure 3-16: GSPI Application Interface Connection
Y/Cr/Cb DATA OUT
PCLK
H
V
F
XYZ
(eav)
000
000
3FF
XYZ
(sav)
000
000
3FF
Application Host
SCLK
SCLK
SCLK
CS1
SDOUT
SDIN
SDOUT
SDOUT
CS
SDIN
SDIN
CS2
GS9090B
GS9090B
CS


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com