Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 58 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 58 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 54Page - Gennum Corporation GS9090B Datasheet HTML 55Page - Gennum Corporation GS9090B Datasheet HTML 56Page - Gennum Corporation GS9090B Datasheet HTML 57Page - Gennum Corporation GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation GS9090B Datasheet HTML 62Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
58 of 71
3.13 GS9090B Low-latency Mode
When the IOPROC_EN pin is set LOW, the GS9090B will be set into low-latency
mode. The parallel data will be output with the minimum PCLK latency possible.
The FIFO and all processing blocks except the descrambling and word alignment
blocks will be bypassed when SMPTE_BYPASS is HIGH.
Low-latency mode will also be selected when SMPTE_BYPASS is set LOW,
regardless of the setting of the IOPROC_EN signal (see Table 3-20).
In DVB-ASI mode, the device latency is less than in SMPTE mode.
Data-Through
SMPTE_BYPASS = LOW
DVB_ASI = LOW
STAT0_CONFIG
Output
High Z
000b
STAT1_CONFIG
Output
High Z
000b
STAT2_CONFIG
Output
High Z
000b
STAT3_CONFIG
Output
High Z
000b
Table 3-19: IO_CONFIG Default Configuration
Device Configuration
IO_CONFIG
Register
I/O
Function
Default IO_CONFIG
Setting
Table 3-20: Pin Settings in Low-latency Mode
IOPROC_EN Setting
SMPTE_BYPASS
Setting
Latency (PCLK Cycles)
LOW
LOW
9
HIGH
LOW
10
LOW
HIGH
10
HIGH
HIGH
25
NOTE: Latency applies to parallel processing core only.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com