Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 57 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 57 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 53Page - Gennum Corporation GS9090B Datasheet HTML 54Page - Gennum Corporation GS9090B Datasheet HTML 55Page - Gennum Corporation GS9090B Datasheet HTML 56Page - Gennum Corporation GS9090B Datasheet HTML 57Page - Gennum Corporation GS9090B Datasheet HTML 58Page - Gennum Corporation GS9090B Datasheet HTML 59Page - Gennum Corporation GS9090B Datasheet HTML 60Page - Gennum Corporation GS9090B Datasheet HTML 61Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
57 of 71
Each of the STAT[3:0] pins can be configured individually using the
STAT0_CONFIG[2:0], STAT1_CONFIG[2:0], STAT2_CONFIG[2:0], and
STAT3_CONFIG[2:0] registers. Table 3-18 shows the setting of the IO_CONFIG
registers for each of the available output signals.
The default setting for each IO_CONFIG register depends on the configuration of
the device and the internal FIFO mode selected. This is shown in Table 3-19.
If the programmed signal is not relevant to the current mode of operation, the
output will be set to a high-impedance state.
FIFO_FULL
Section 3.10.2.1
FIFO_EMPTY
Section 3.10.2.1
Table 3-18: IO_CONFIG Settings
Function
I/O
IO_CONFIG Setting
H
Output
000b
V
Output
001b
F
Output
010b
FIFO_LD
Output
011b
ANC
Output
100b
EDH_DETECT
Output
101b
FIFO_FULL
Output
110b
FIFO_EMPTY
Output
111b
Table 3-17: Output Signals Available on Multi-Function Output Ports
Table 3-19: IO_CONFIG Default Configuration
Device Configuration
IO_CONFIG
Register
I/O
Function
Default IO_CONFIG
Setting
SMPTE Functionality
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
FIFO: Video Mode or Ancillary Data
Extraction Mode
STAT0_CONFIG
Output
H
000b
STAT1_CONFIG
Output
V
001b
STAT2_CONFIG
Output
F
010b
STAT3_CONFIG
Output
FIFO_LD
011b
DVB-ASI
DVB_ASI = HIGH
FIFO: DVB-ASI Mode
STAT0_CONFIG
Output
FIFO_FULL
110b
STAT1_CONFIG
Output
FIFO_EMPTY
111b
STAT2_CONFIG
Output
High Z
000b
STAT3_CONFIG
Output
High Z
000b


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com