Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 52 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 52 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 48Page - Gennum Corporation GS9090B Datasheet HTML 49Page - Gennum Corporation GS9090B Datasheet HTML 50Page - Gennum Corporation GS9090B Datasheet HTML 51Page - Gennum Corporation GS9090B Datasheet HTML 52Page - Gennum Corporation GS9090B Datasheet HTML 53Page - Gennum Corporation GS9090B Datasheet HTML 54Page - Gennum Corporation GS9090B Datasheet HTML 55Page - Gennum Corporation GS9090B Datasheet HTML 56Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
52 of 71
3.10.3 Ancillary Data Extraction Mode
The internal FIFO is in ancillary data extraction mode when the FIFO_EN and
IOPROC_EN pins are set HIGH, and the FIFO_MODE[1:0] bits in the
IOPROC_DISABLE register are configured to 10b.
Once the FIFO enters ancillary data extraction mode, it takes 2200 PCLKs (82us)
to initialize the FIFO before ancillary data extraction can begin.
In this mode, the FIFO is divided into two separate blocks of 1024 words each. This
allows ancillary data to be written to one side of the FIFO and from the other. Thus,
in each half of the FIFO, the GS9090B will write the contents of the packets up to
a maximum of 1024 8-bit words.
As described in Section 3.9.2.1, up to five specific types of ancillary data to be
extracted can be programmed in the ANC_TYPE registers. If the ANC_TYPE
registers are all set to zero, the device will extract all types of ancillary data.
The entire packet, including the ancillary data flag (ADF), data identification (DID),
secondary data identification (SDID), data count (DC), and checksum word will be
written into the memory. The device will detect ancillary data packet DID's placed
anywhere in the video data stream, including the active picture area.
Additionally, the lines from which the packets are to be extracted from can be
programmed into the ANC_LINE_A[10:0] and ANC_LINE_B[10:0] registers,
allowing ancillary data from a maximum of two lines per frame to be extracted. If
only one line number register is programmed (with the other set to zero), ancillary
data packets will be extracted from one line per frame only. When both registers
are set to zero, the device will extract packets from all lines.
The extracted ancillary data is read through the host interface starting at address
02Ch up to 42Bh inclusive (1024 words). This must be done while there is a valid
video signal present at the serial input and the device is locked (LOCKED = HIGH).
3.10.3.1 Ancillary Data Extraction and Reading
To start ancillary data extraction, the ANC_PKT_EXT bit of the IOPROC_DISABLE
register must be set HIGH (see Table 3-14 in Section 3.9.8). Packet extraction will
begin in the following frame after this bit has been set HIGH.
NOTE: Ancillary data extraction will not begin until 2200 PCLKs (82us) after the
device has entered into ancillary data extraction mode (FIFO_MODE[1:0] = 10b),
regardless of the setting of the ANC_PKT_EXT bit.
When the FIFO is configured for ancillary data extraction mode, setting the
IOPROC_EN pin LOW will disable packet extraction. If IOPROC_EN is LOW, the
setting of the ANC_PKT_EXT host interface bit will be ignored.
Clearing the ANC_PKT_EXT bit will not automatically disable ancillary data
extraction. To disable ancillary data extraction, switch the FIFO into bypass mode
by setting FIFO_MODE[1:0] = 11b. 2200 PCLK cycles after the device re-enters
ancillary data extraction mode, data extraction will commence immediately if
ANC_PKT_EXT is still HIGH.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com