Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 47 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 47 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation GS9090B Datasheet HTML 46Page - Gennum Corporation GS9090B Datasheet HTML 47Page - Gennum Corporation GS9090B Datasheet HTML 48Page - Gennum Corporation GS9090B Datasheet HTML 49Page - Gennum Corporation GS9090B Datasheet HTML 50Page - Gennum Corporation GS9090B Datasheet HTML 51Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
47 of 71
3.10 Internal FIFO Operation
The GS9090B contains an internal video line-based FIFO, which can be
programmed to work in any of the following modes:
1. Video Mode,
2. DVB-ASI Mode,
3. Ancillary Data Extraction Mode, or
4. Bypass Mode
The FIFO can be configured to one of the four modes by using the host interface
to set the FIFO_MODE[1:0] bits of the IOPROC_DISABLE register (see Table 3-14
in Section 3.9.8). The setting of these bits is shown in Table 3-15. To enable the
FIFO, the FIFO_EN pin must be set HIGH. Additionally, if the FIFO is configured
for video mode or ancillary data extraction mode, the IOPROC_EN pin must be set
HIGH.
The FIFO is fully asynchronous, allowing simultaneous read and write access. It
has a depth of 2048 words, which will accommodate 1 full line of SD video for both
525 and 625 standards. The FIFO is 15 bits wide: 10 bits for video data and 5 bits
for other signals, such as H, V, F, EDH_DETECT, and ANC.
3.10.1 Video Mode
The internal FIFO is in video mode when the FIFO_EN and IOPROC_EN pins are
set HIGH, and the FIFO_MODE[1:0] bits in the IOPROC_DISABLE register are
configured to 00b. By default, the FIFO_MODE[1:0] bits are set to 00b by the
device whenever the SMPTE_BYPASS pin is set HIGH and the DVB_ASI pin is set
LOW (i.e. the device is in SMPTE mode); however, the FIFO_MODE[1:0] bits may
be programed as required.
Figure 3-8 shows the input and output signals of the FIFO when it is configured for
video mode.
Table 3-15: FIFO Configuration Bit Settings
FIFO Mode
FIFO_MODE[1:0]
Register Setting
FIFO_EN
Pin Setting
IOPROC_EN
Pin Setting
Video Mode
00b
HIGH
HIGH
DVB-ASI Mode
01b
HIGH
X
Ancillary Data Extraction Mode
10b
HIGH
HIGH
Bypass Mode
11b
X
X
NOTE: ‘X’ signifies ‘don’t care’. The pin is ignored and may be set HIGH or LOW.


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com