Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 46 Page - Gennum Corporation

Part # GS9090B
Description  GenLINX짰 III 270Mb/s Deserializer for SDI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090B Datasheet(HTML) 46 Page - Gennum Corporation

Back Button GS9090B Datasheet HTML 42Page - Gennum Corporation GS9090B Datasheet HTML 43Page - Gennum Corporation GS9090B Datasheet HTML 44Page - Gennum Corporation GS9090B Datasheet HTML 45Page - Gennum Corporation GS9090B Datasheet HTML 46Page - Gennum Corporation GS9090B Datasheet HTML 47Page - Gennum Corporation GS9090B Datasheet HTML 48Page - Gennum Corporation GS9090B Datasheet HTML 49Page - Gennum Corporation GS9090B Datasheet HTML 50Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
GS9090B Data Sheet
40749 - 2
January 2007
46 of 71
3.9.8.1 Illegal Code Remapping
If the ILLEGAL_REMAP bit of the IOPROC_DISABLE register is set LOW, the
GS9090B will remap all codes within the active picture between the values 3FCh
and 3FFh to 3FBh. All codes within the active picture area between the values 00h
and 03h will be re-mapped to 04h. In addition, 8-bit TRS and ancillary data
preambles will be remapped to 10-bit values.
3.9.8.2 EDH CRC Error Correction
If the EDH_CRC_INS bit of the IOPROC_DISABLE register is set LOW, the
GS9090B will calculate and overwrite the active picture and full field CRC words
into the EDH data packets received by the device.
Additionally, when EDH_CRC_INS is LOW, the device will set the active picture
and full field CRC ‘V’ bits HIGH in the EDH packet (see Section 3.9.4). The
AP_CRC_V and FF_CRC_V register bits will only report the received EDH validity
flags.
EDH CRC calculation ranges are described in Section 3.9.7.2.
NOTE: Although the GS9090B will modify and insert EDH CRC words and EDH
packet checksums, the device will only update EDH error flags when the
EDH_FLAG_UPDATE bit is set HIGH (see Section 3.9.4).
3.9.8.3 Ancillary Data Checksum Error Correction
If the ANC_CSUM_INS bit of the IOPROC_DISABLE register is set LOW, ancillary
checksum error correction and insertion is enabled, and the GS9090B will
calculate and overwrite ancillary data checksums for all ancillary data words by
default. If the Ancillary Data type has been specified in the ANC_TYPE registers of
the host interface (see Section 3.9.2.1), only the checksums for the ancillary data
programmed will be updated.
3.9.8.4 TRS Error Correction
If the TRS_INS bit of the IOPROC_DISABLE register is set LOW, TRS error
correction and insertion is enabled. In this mode, the GS9090B will calculate and
overwrite 10-bit TRS code words as required.
TRS code word generation will be performed using the timing parameters
generated by the flywheel to provide an element of noise immunity, and will only
take place if the flywheel in enabled (FW_EN = HIGH).
NOTE: Only H timing based errors will be corrected (see Section 3.9.7.5).


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com