Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 24C04
Description  4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C04 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 24C04 Datasheet HTML 8Page - STMicroelectronics 24C04 Datasheet HTML 9Page - STMicroelectronics 24C04 Datasheet HTML 10Page - STMicroelectronics 24C04 Datasheet HTML 11Page - STMicroelectronics 24C04 Datasheet HTML 12Page - STMicroelectronics 24C04 Datasheet HTML 13Page - STMicroelectronics 24C04 Datasheet HTML 14Page - STMicroelectronics 24C04 Datasheet HTML 15Page - STMicroelectronics 24C04 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
16/16
ST24/25C04, ST24/25W04


Similar Part No. - 24C04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C04 ESTEK-24C04 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C04 TGS-24C04 Datasheet
399Kb / 15P
   Two-wire Serial EEPROM
logo
ATMEL Corporation
24C04 ATMEL-24C04 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
logo
SYC Electronica
24C04 SYC-24C04 Datasheet
153Kb / 15P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
More results

Similar Description - 24C04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com