Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04 Datasheet(PDF) 15 Page - STMicroelectronics

Part # 24C04
Description  4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24C04 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button 24C04 Datasheet HTML 8Page - STMicroelectronics 24C04 Datasheet HTML 9Page - STMicroelectronics 24C04 Datasheet HTML 10Page - STMicroelectronics 24C04 Datasheet HTML 11Page - STMicroelectronics 24C04 Datasheet HTML 12Page - STMicroelectronics 24C04 Datasheet HTML 13Page - STMicroelectronics 24C04 Datasheet HTML 14Page - STMicroelectronics 24C04 Datasheet HTML 15Page - STMicroelectronics 24C04 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e1.27–
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0
°
8
°
0
°
8
°
N8
8
CP
0.10
0.004
Drawing is not to scale
SO8 - 8 lead Plastic Small Outline, 150 mils body width
15/16
ST24/25C04, ST24/25W04


Similar Part No. - 24C04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C04 ESTEK-24C04 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C04 TGS-24C04 Datasheet
399Kb / 15P
   Two-wire Serial EEPROM
logo
ATMEL Corporation
24C04 ATMEL-24C04 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
logo
SYC Electronica
24C04 SYC-24C04 Datasheet
153Kb / 15P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
More results

Similar Description - 24C04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com