Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1216AGTA Datasheet(PDF) 17 Page - Elpida Memory

Part # EDS1216AGTA
Description  128M bits SDRAM (8M words 횞 16 bits)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1216AGTA Datasheet(HTML) 17 Page - Elpida Memory

Back Button EDS1216AGTA Datasheet HTML 13Page - Elpida Memory EDS1216AGTA Datasheet HTML 14Page - Elpida Memory EDS1216AGTA Datasheet HTML 15Page - Elpida Memory EDS1216AGTA Datasheet HTML 16Page - Elpida Memory EDS1216AGTA Datasheet HTML 17Page - Elpida Memory EDS1216AGTA Datasheet HTML 18Page - Elpida Memory EDS1216AGTA Datasheet HTML 19Page - Elpida Memory EDS1216AGTA Datasheet HTML 20Page - Elpida Memory EDS1216AGTA Datasheet HTML 21Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
EDS1216AGTA
Preliminary Data Sheet E0847E20 (Ver. 2.0)
17
Current state
/CS
/RAS
/CAS
/WE
Address
Command
Operation
Mode register set
H
×
×
×
×
DESL
NOP
L
H
H
H
×
NOP
NOP
L
H
H
L
×
BST
ILLEGAL
L
H
L
H
BA, CA, A10
READ/READA
ILLEGAL*
4
L
H
L
L
BA, CA, A10
WRIT/WRITA
ILLEGAL*
4
L
L
H
H
BA, RA
ACT
Bank and row active*
9
L
L
H
L
BA, A10
PRE, PALL
NOP
L
L
L
H
×
REF, SELF
Refresh*
9
L
L
L
L
MODE
MRS
Mode register set*
8
Remark: H: VIH. L: VIL.
×: VIH or VIL
Notes: 1. An interval of tDPL is required between the final valid data input and the precharge command.
2. If tRRD is not satisfied, this operation is illegal.
3. Illegal for same bank, except for another bank.
4. Illegal for all banks.
5. NOP for same bank, except for another bank.
6. Illegal if tRCD is not satisfied.
7. Illegal if tRAS is not satisfied.
8. MRS command must be issued after DOUT finished, in case of DOUT remaining.
9. Illegal if lMRD is not satisfied.


Similar Part No. - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AGTA-75TI-E ELPIDA-EDS1216AGTA-75TI-E Datasheet
646Kb / 49P
128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
128M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
256M bits SDRAM (8M words 짰32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
128M bits SDRAM (8M words x 16 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
128M bits SDRAM (4M words x 32 bits)
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
256M bits SDRAM (8M words x 32 bits)
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
128M bits SDRAM 128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com