Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1216AGTA Datasheet(PDF) 8 Page - Elpida Memory

Part # EDS1216AGTA
Description  128M bits SDRAM (8M words 횞 16 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1216AGTA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDS1216AGTA Datasheet HTML 4Page - Elpida Memory EDS1216AGTA Datasheet HTML 5Page - Elpida Memory EDS1216AGTA Datasheet HTML 6Page - Elpida Memory EDS1216AGTA Datasheet HTML 7Page - Elpida Memory EDS1216AGTA Datasheet HTML 8Page - Elpida Memory EDS1216AGTA Datasheet HTML 9Page - Elpida Memory EDS1216AGTA Datasheet HTML 10Page - Elpida Memory EDS1216AGTA Datasheet HTML 11Page - Elpida Memory EDS1216AGTA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
EDS1216AGTA
Preliminary Data Sheet E0847E20 (Ver. 2.0)
8
Test Conditions
• AC high level voltage/low level input voltage: 2.4V/0.4V
• Input and output timing reference levels: 1.4V
• Input waveform and output load: See following figures
tT
2.4 V
0.4 V
0.8 V
2.0 V
input
tT
I/O
CL
Input waveform and Output load


Similar Part No. - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AGTA-75TI-E ELPIDA-EDS1216AGTA-75TI-E Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com