Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1216AGTA Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS1216AGTA
Description  128M bits SDRAM (8M words 횞 16 bits)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1216AGTA Datasheet(HTML) 5 Page - Elpida Memory

  EDS1216AGTA Datasheet HTML 1Page - Elpida Memory EDS1216AGTA Datasheet HTML 2Page - Elpida Memory EDS1216AGTA Datasheet HTML 3Page - Elpida Memory EDS1216AGTA Datasheet HTML 4Page - Elpida Memory EDS1216AGTA Datasheet HTML 5Page - Elpida Memory EDS1216AGTA Datasheet HTML 6Page - Elpida Memory EDS1216AGTA Datasheet HTML 7Page - Elpida Memory EDS1216AGTA Datasheet HTML 8Page - Elpida Memory EDS1216AGTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
EDS1216AGTA
Preliminary Data Sheet E0847E20 (Ver. 2.0)
5
DC Characteristics 1 (TA = 0 to +70
°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
-6B
-75
120
100
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
Standby current in power down
IDD2P
3
mA
CKE = VIL,
tCK = tCK (min.)
6
Standby current in power down
(input signal stable)
IDD2PS
2
mA
CKE = VIL, tCK =
7
Standby current in non power down
IDD2N
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
4
Standby current in non power down
(input signal stable)
IDD2NS
9
mA
CKE = VIH, tCK =
∞,
/CS = VIH
8
Active standby current in power down
IDD3P
4
mA
CKE = VIL,
tCK = tCK (min.)
1, 2, 6
Active standby current in power down
(input signal stable)
IDD3PS
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in non power down IDD3N
30
mA
CKE, /CS = VIH,
tCK = tCK (min.)
1, 2, 4
Active standby current in non power down
(input signal stable)
IDD3NS
25
mA
CKE = VIH, tCK =
∞,
/CS = VIH
2, 8
Burst operating current
IDD4
-6B
-75
140
120
mA
tCK = tCK (min.),
BL = 4
1, 2, 5
Refresh current
IDD5
-6B
-75
220
200
mA
tRC = tRC (min.)
3
Self refresh current
IDD6
2
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AGTA-75TI-E ELPIDA-EDS1216AGTA-75TI-E Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS1216AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS2532AABH-75 ELPIDA-EDS2532AABH-75 Datasheet
577Kb / 48P
   256M bits SDRAM (8M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com